|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0674913011 Active serial_ata_products 1.27mm (.050") Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7 Circuits, 0.76m (30") Gold (Au) Plating, with 3.00mm (.118") PC Tail Length, Black Housing, Lead-free Documents: 3D Model Drawing (PDF) Product Specification PS-67491-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Series General Product Family Series Application Overview Product Name PCB Headers 67491 Board-to-Board, Wire-to-Board serial_ata_products Serial ATA EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 7 Black 50 Yes No No Yes Yes Gold Tin 1 Vertical 0.118 In 3.00 mm Yes Yes Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 50.8 1.27 Yes Yes No No No -35C to +85C Through Hole Search Parts in this Series 67491Series Mates With Serial ATA Signal Connector 67489 , 88755 Electrical Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-67491-001 SD-67491-001 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 67491-3011 |