Part Number Hot Search : 
AD80081X 5320RT TLOE16TP UA9665PC SFF440J B0419 MJ4502 ZXCL200
Product Description
Full Text Search
 

To Download 67068-7041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0670687041 Active
Universal Serial Bus (USB) Shielded I/O Type B Receptacle, Right Angle with Kinked Solder Tabs, Color Black, 0.76m (30") Gold (Au) Plating, Tray Pack, Lead-Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67998-0000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Type I/O Connectors 67068 Wire-to-Board Single Receptacle USB B
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Gender Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 4 4 Receptacle Yes Gold Tin 2 Right Angle 0.110 In 2.80 mm Yes Yes 0.063 In 1.60 mm Tray No 0.098 In 2.50 mm 0.098 In 2.50 mm 30 0.76 Yes Yes 1 Yes 0C to +50C Through Hole No N/A
Search Parts in this Series 67068Series Mates With USB Type B Plug
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 1.5A Full Shield Yes 30V (RMS)
Solder Process Data
Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-67998-0000 SD-67068-003
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 67068-7041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X