Part Number Hot Search : 
MAX11504 81406 MSC82001 TPS720 MT3S0 C3277 24R2Q NSR2N
Product Description
Full Text Search
 

To Download 6471-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022012025 Active
kk 2.54mm (.100") Pitch KK(R) Crimp Terminal Housing, Friction Ramp, 2 Circuits, Use with 4809
Documents: 3D Model Drawing (PDF) Product Specification PS-10-07 (PDF)
Product Specification PS-99020-0088 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19880 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 6471 kk KK(R)
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 Natural (White) 94V-0 Female No Yes Nylon 1 Bag No 0.100 In 2.54 mm Yes No 0C to +75C
Search Parts in this Series 6471Series Mates With 2.54mm (.100") Pitch KK (R) PCB Headers Use With 4809 KK(R) Crimp Terminal
Material Info
Old Part Number 6471-02(I)
Reference - Drawing Numbers
Product Specification Sales Drawing PS-10-07, PS-99020-0088 SD-6471-N*-**, SDE-6471-N*-*, SDE-6471-N*D-A
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 6471-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X