Part Number Hot Search : 
WM8972L N2120 2SK2940 MSK50 LV640E TC74LC DH71010 101J2
Product Description
Full Text Search
 

To Download 565-1200M-5FN-TP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscilent Corporation | 565 Series VCXO - Voltage Control Crystal Oscillator
Page 1 of 2
VCXO Surface Mount Series Number Package Description Last Modified
565
FEATURES - Wide voltage control range - Wave form symmetry of 40/60% - HCMOS / TTL output - Industry standard PCB SMD Package - RoHs / Lead Free compliant
4 Pad PCB SMD
HCMOS / TTL Output
Jan. 01 2007
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS Output Logic Input Voltage (VDD) Frequency Range (fO) Operating Temperature (TOPR) Storage Temperature (TSTG) Overall Frequency Stability CONDITIONS (a) Frequency Tolerance (b) Temperature Stability (c) Input Voltage Stability (d) Load Stability Input Current (IDD) Aging Rise Time (TR) & Fall Time (TF) Pin 1 Control Voltage Range Output Voltage High "1" VOH Output Voltage Low "0" VOL Duty Cycle Start-Up Time (TS) Jitter Linearity Absolute Pull Range (APR) @ 25C < 66.660 MHz > 66.660 MHz TTL Load HCMOS Load TTL Load HCMOS Load 2.7 min. 0.4 max. 0.5 max. 50 10 (Std.) / 50 5 (Option) 10 max. 25 max. (under 52 MHz), 50 max. (over 52 MHz) 20 (Std.) / Custom Spec. Avail. 50, 100, 150 min. CHARACTERISTICS HCMOS / TTL Output 3.3 10% 1.544 ~ 155.520 0 ~ +70 (Std.) / -40 ~ 85 (Option) -55 ~ +125 10, 20, 25, 50, 100 max. Inclusive of Overall Stability Inclusive of Overall Stability (Operating Temperature) Inclusive of Overall Stability (VDD 5%) Inclusive of Overall Stability (RL 5%) 10 ~ 45 max. 1 max. 10 max. (0.4V to 2.4V w/TTL , Waveform/HCMOS) 4 max. (0.4V to 2.4V w/TTL , Waveform/HCMOS) 1.65 1.35 2.4 min. VDD - 0.5 min. 2.5 2.0 15 ~ 85 max. 5.0 10% UNITS VDC MHz C C PPM mA PPM/Y nS V VDC VDC % mS ps % PPM
Oscilent Corporation | 565 Series VCXO - Voltage Control Crystal Oscillator
Page 2 of 2
PIN CONNECTIONS #1 #2 #3 #4 Voltage Control Ground Output VDD
PART NUMBER GUIDE
Series Number Frequency Voltage Supply Option Frequency Operating Temp. Tolerance & (C) Stability (max.) Duty Cycle Absolute Pulling Range Linearity
565
Oscilent VCXO PCB SMD
- 120.0 M
-3
D= E= F= G= H=
E
N
-T
Blank*= 5010% T = 505%
P1
P1 = 50PPM P2 = 100PPM P3 = 150PPM
20
20 = 20% 10 = 10% 05 = 5%
Enter your desired 5 = 5VDC 3 = 3.3VDC frequency e.g. 120.0M for 120.000 MHz
100 PPM Blank* = 0~+70 50 PPM N = -40~+85 25 PPM 20 PPM 10 PPM
NOTE: - Deviations on all parameters available. Please consult Oscilent for details. DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic. *STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic. PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 565
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map


▲Up To Search▲   

 
Price & Availability of 565-1200M-5FN-TP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X