Part Number Hot Search : 
4A411MR 21C10 2SJ647 SBC84621 74HC74PW TR3D685 EPR1251G 63250
Product Description
Full Text Search
 

To Download 52557-0770 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0525570770 Active
0.80mm (.031") Pitch FFC/FPC Connector, SMT, Right Angle, Non-ZIF, Dual Contact Style Receptacle, 7 Circuits, Lead-free
General
Product Family Series Comments Overview Product Name FFC/FPC Connectors 52557 Dual Contact ffc_fpc_smt N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 7 Dual 90 Angle 0.079 In 2.00 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth 1 Right Angle No None Embossed Tape on Reel 0.031 In 0.80 mm 40 1 40 1 No No -20C to +80C Surface Mount FFC/FPC
Search Parts in this Series 52557Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.2A, 0.4A, 0.5A 50V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-52557-001 PS-52557-002 SD-52557-009, SD-52557-010
This document was generated on 06/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52557-0770

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X