Part Number Hot Search : 
DTB113E SS10PH45 SK373 36VDC T0509XH BDX18A T0505NH KBPC604
Product Description
Full Text Search
 

To Download 511-1800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COAXIAL RESONATOR OSCILLATOR
Features
! ! ! !
Series 511 1800 - 2000 MHz
Spectrum Microwave CROs produce impressive frequency stability and phase noise when used in a properly designed oscillator circuit.
Low Phase Noise Bipolar Transistor Rugged Construction for Extreme Environmental Conditions High Frequency Stability Fixed Frequency
Specifications
CHARACTERISTIC Frequency Output Power (dBm) Spurious (dBc) Phase Noise (dB) @ 1800 MHz TYPICAL Ta= 25 C 1800 - 2000 MHz +10 -80 -42 dBc/Hz @ 100 Hz -82 dBc/Hz @ 1 KHz -110 dBc/Hz @ 10 KHz -133 dBc/Hz @ 100 KHz -144 dBc/Hz @ 1 MHz 1.5 -25 +/- .01% / Volt +/- 0.02% +/- 0.1% -55 C 15 70 2.0 -25 +/- .02% / Volt +/- 0.03% +/- 0.15% +125 C 15 80 MIN/MAX Ta = -20 C to +70 C 1800 - 2000 MHz +13 Max. -80
Maximum Ratings
Ambient Operating Temperature ............. -55C to +100 C Storage Temperature .............................. -62C to +125 C Case Temperature ............................................... +125 C DC Voltage ....................................................... +20 Volts
VSWR Harmonics (dBc) Frequency Pushing Frequency Pulling Temperature Drift Storage Temperature Supply Power DC mA
NOTE: Care should always be taken to effectively ground the case of each unit.
Mechanical Outline
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
Rev. 9/12/08
www.SpectrumMicrowave.com Spectrum Microwave * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of 511-1800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X