|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0009508170 Active kk 3.96mm (.156") Pitch KK(R) Crimp Terminal Housing, 17 Circuits Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA LR19980 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Overview Product Name Crimp Housings 41695 kk KK(R) Physical Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating No 17 Natural 94V-0 Female No None None Polyester 1 Bag No 0.156 In 3.96 mm 0C to +75C Search Parts in this Series 41695Series Use With KK(R) Crimp Terminal 2478 , 2578 , 8818. TrifurconTM Crimp Terminal 7258 , 6438 , 6838 Material Info Old Part Number 41695-N-A17 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-41695-001 PS-08-50 SD-41695 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 41695-N-A17 |