Part Number Hot Search : 
SP2526 A2210 SN74481 2SC5776 1SS35 250BZI 5KE180 PMB2525
Product Description
Full Text Search
 

To Download 41695-2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0416952001 Active
kk 3.96mm (.156") Pitch KK(R) Crimp Terminal Housing, 2 Circuits, Glow Wire Compatible
Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Overview Product Name Crimp Housings 41695 kk KK(R)
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating 2 Natural 94V-0 Female Yes None Yes Polyester 1 Bag No 0.156 In 3.96 mm 0C to +75C
Search Parts in this Series 41695Series Use With KK(R) Crimp Terminal 2478 , 2578 , 8818. TrifurconTM Crimp Terminal 7258 , 6438 , 6838
Material Info
Old Part Number 41695-G-D02
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-41695-002 PS-08-50 SD-41695
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 41695-2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X