Part Number Hot Search : 
DG9236 Q6004L3 2SD97 BR86DL DD50ST1 MCP6S PS9113 1N4372
Product Description
Full Text Search
 

To Download 2SK410709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK4107
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (-MOS VI)
2SK4107
Switching Regulator Applications
* * * * Low drain-source ON resistance High forward transfer admittance Low leakage current Enhancement mode : RDS (ON) = 0. 33 (typ.) : |Yfs| = 8.5 S (typ.) Unit: mm
: IDSS = 100 A (max) (VDS = 500 V) : Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 500 500 30 15 60 150 765 15 15 150 -55~150 Unit V V V A A W mJ A mJ C C 1. GATE 2. DRAIN (HEAT SINK) 3. SOURCE
Pulse (Note 1)
Drain power dissipation (Tc = 25C) Single-pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 0.833 50 Unit C/W C/W
Note 1: Ensure that the channel temperature does not exceed 150C. Note 2: VDD = 90 V, Tch = 25C (initial), L = 5.78 mH, RG = 25 , IAR = 15 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Handle with care.
1
2009-09-29
2SK4107
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Gate-source breakdown voltage Drain cutoff current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton tf toff Qg Qgs Qgd VDD 400 V, VGS = 10 V, ID = 15 A VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 25 V, VDS = 0 V IG = 10 A, VDS = 0 V VDS = 500 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 7.0 A VDS = 10 V, ID = 7.0 A Min -- 30 -- 500 2.0 -- 4.0 -- -- -- -- Typ. -- -- -- -- -- 0.33 8.5 2450 15 220 50 Max 10 -- 100 -- 4.0 0.4 -- -- -- -- -- pF Unit A V A V V S
Turn-on time Switching time Fall time
--
90
-- ns
--
45
--
Turn-off time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("Miller") charge
-- -- -- --
175 48 26 22
-- -- -- -- nC
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr Test Condition -- -- IDR = 15 A, VGS = 0 V IDR = 15 A, VGS = 0 V dIDR / dt = 100 A / s Min -- -- -- -- -- Typ. -- -- -- 1050 13 Max 15 60 -1.7 -- -- Unit A A V ns C
Marking
Note 4: A line under a Lot No. identifies the indication of product Labels. Not underlined: [[Pb]]/INCLUDES > MCV Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Part No. (or abbreviation code) Lot No. Note 4
TOSHIBA
K4107
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
2
2009-09-29
2SK4107
ID - VDS
10 Common source Tc = 25C Pulse test 10 8 6 20 10
ID - VDS
Common source Tc = 25C Pulse test
8
16
(A)
ID
6 5.25 4 5 2 4.75 4.5 VGS = 4 V 0 0 1 2 3 4 5
ID
(A)
12
6 5.75
Drain current
Drain current
8 5.5 5.25 4 5 4.75 4.5 0 0 10 20 30 VGS = 4 V 40 50
Drain-source voltage
VDS
(V)
Drain-source voltage
VDS
(V)
ID - VGS
50
VDS - VGS
10 Tc = -55C
40
VDS (V)
Common source VDS = 20 V Pulse test
Common source Tc = 25C Pulse test
8
(A)
25 30 100 20
ID
Drain-source voltage
6 15 4 8 2 ID = 4 A
Drain current
10
0
0
2
4
6
8
10
0
0
4
8
12
16
20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
Yfs - ID (S)
100 1 Common source VDS = 20 V Pulse test Common source Tc = 25C Pulse test
RDS (ON) - ID
Yfs
Forward transfer admittance
Tc = -55C 25 10 100
Drain-source ON resistance RDS (ON) ()
VGS = 10 V
15
1 1
10
100
0.1 0.1
1
10
100
Drain current
ID
(A)
Drain current
ID
(A)
3
2009-09-29
2SK4107
RDS (ON) - Tc
1.0
IDR - VDS
100
Drain-source ON resistance RDS (ON) ()
0.8
IDR (A)
Common source VGS = 10 V Pulse test
Common source Tc = 25C Pulse test
0.6 ID = 15 A 0.4 8 4 0.2
Drain reverse current
10
1
10 5 3 1 VGS = 0, -1 V -0.6 -0.8 -1.0 -1.2
0 -80
-40
0
40
80
120
160
0.1 0
-0.2
-0.4
Case temperature
Tc
(C)
Drain-source voltage
VDS (V)
Capacitance - VDS
10000 5 Ciss
Vth - Tc Vth (V) Gate threshold voltage
(pF)
4
1000 3
Capacitance
C
Coss
2
100 Common source VGS = 0 V f = 1 MHz Tc = 25C 10 0.1 1 10
1
Crss 100
0 -80
Common source VDS = 10 V ID = 1 mA Pulse test -40 0 40 80 120 160
Drain-source voltage
VDS
(V)
Case temperature
Tc
(C)
PD - Tc
200 500
Dynamic input/output characteristics VDS (V)
Common source ID = 15 A Tc = 25C Pulse test VDS 20
Drain power dissipation PD (W)
150
400
400
16
Drain-source voltage
100
200
200
200
8
50
100
VGS VDS = 100 V
4
0
0 0 40 80 120 160 200
0
20
40
60
80
0 100
Case temperature Tc (C)
Total gate charge
Qg (nC)
4
2009-09-29
Gate-source voltage
300
VDS = 100 V
400
12
VGS (V)
2SK4107
SAFE OPERATING AREA
1000 1000
EAS - Tch
100
ID max (continuous) 100 s * ID max (pulse) *
EAS (mJ) Avalanche energy
1000
800
Drain current ID (A)
10
1 ms *
DC OPERATION Tc = 25C
600
1 * Single pulse Ta = 25 0.1 Curves must be derated linearly with increase in temperature. 0.01 1 10 100
400
200
VDSS max 0 25 50 75 100 125 150
Drain-source voltage
VDS (V)
Channel temperature (initial)
Tch (C)
15 V -15 V
BVDSS IAR VDD Test circuit Waveform VDS
RG = 25 VDD = 90 V, L = 5.78 mH
AS =
1 B VDSS L I2 B 2 VDSS - VDD
5
2009-09-29
2SK4107
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2009-09-29


▲Up To Search▲   

 
Price & Availability of 2SK410709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X