Part Number Hot Search : 
ST3241EB CDB5334 EF3393 D2L20U RM4190 ADV7174 M74HC40 ASM53LV
Product Description
Full Text Search
 

To Download 2SD1426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1426
DESCRIPTION *With TO-3PH package *Built-in damper diode *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Designed for use in color TV deflection circuits
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PH) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 3.5 1.0 80 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 1.56 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain Transition freuqency Output capacitance Diode forward voltage Fall time CONDITIONS IE=200mA; IC=0 IC=3A; IB=0.8A IC=3A; IB=0.8A VCB=500V; IE=0 IC=0.5A ; VCE=5V IC=0.1A ; VCE=10V;f=1MHz IE=0 ; VCB=10V;f=1.0MHz IF=3.5A IC=3A;IB1=0.8A 8 MIN 5
2SD1426
SYMBOL V(BR)EBO VCEsat VBEsat ICBO hFE fT COB VF tf
TYP.
MAX
UNIT V
8.0 1.5 10
V V A
3 95 2.0 1.0
MHz pF V s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1426
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD1426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X