Part Number Hot Search : 
BR106 PM0014 KS24C021 1N751 LN850RPX 1734634 E152M NTE1714M
Product Description
Full Text Search
 

To Download 2SD1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon epitaxial Transistor 2SD1420
Transistors
Features
Low frequency power amplifier
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector peak current Collector power dissipation Junction temperature Storage temperature *1 PW 10ms, duty cycle 20% Symbol VCBO VCEO VEBO IC iC(peak)*1 PC*2 Tj Tstg Rating 180 120 5 1.5 3 1 150 -55 to 150 Unit V V V A A W
*2 Value on the alumina ceramic board (12.5 X 20 X 0.7 mm)
Electrical Characteristics Ta = 25
Parameter Collector to base breakdown voltage Collector to emitter breakdown voltage Emitter to base breakdown voltage Collector cutoff current DC current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO hFE VCE(sat) VBE Testconditons IC = 1 mA, IE = 0 IC = 10mA, RBE = IE= 1mA, IC = 0 VCB = 160 V, IE = 0 VCE = 5 V, IC = 0.15A VCE = 5 V, IC = 0.5A IC = 0.5A, IB = 50 mA,pulse VCE = 5 V, IC = 0.15mA,pulse 60 30 1.0 0.9 V V Min 180 120 5 10 320 Typ Max Unit V V V iA
hFE Classification
Marking hFE EA 60 120 EB 100 200 160 EC 320
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X