Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download 1N4153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4153
FEATURES :
* High switching speed: max. 2 ns * Peak reverse voltage:max. 75 V * Pb / RoHS Free
HIGH SPEED SWITCHING DIODE
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g
0.020 (0.52)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at
Parameter
Maximum Peak Reverse Voltage Maximum Continuous Forward Current Maximum Average Forward Current Maximum Peak Forward Current at t = 1s Maximum Power Dissipation Maximum Junction Temperature Storage Temperature Range
25 C ambient temperature unless otherwise specified.)
Symbol
VRM IF IF(AV) IFSM PD TJ TSTG
Value
75 300 150 0.25 500 175 -65 to + 200
Unit
V mA mA A mW C C
Electrical Characteristics (TJ = 25 C unless otherwise noted)
Parameter
Reverse Current Forward Voltage Reverse Breakdown Voltage Diode Capacitance
Symbol
IR VF V(BR)R Cd Trr1
Test Condition
VR = 50 V VR = 50 V , Tj = 150 C IF = 50 mA IR = 5A (pulsed) f = 1MHz ; VR = 0 IF = 10 mA to IR = 10mA to IR = 1mA IF = 10 mA to VR = 6 V RL = 100 , IR = 1 mA
Min 75 -
Typ -
Max 0.05 50 0.88 2.0 4 2
Unit A A V V pF ns ns
Reverse Recovery Time Trr2
Page 1 of 1
Rev. 03 : May 9, 2006


▲Up To Search▲   

 
Price & Availability of 1N4153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X