Part Number Hot Search : 
1000000 PS253 BUK9Y PMBS3906 D74LV SM7512SG SL1613 7MPBF
Product Description
Full Text Search
 

To Download 181-039-1250C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 181-039 M29504/14 Style Front Release Pin Terminus
Size 16
181-039-1260 C
Product Series Basic Number Dash Number (Table I) C = Crimp Sleeve Designator Omit if None (See Table II)
.900 (22.9) Max Retaining Clip Terminus Assembly
.118 (3.0) .114 (2.9) Dia .080 (2.0) .074 (1.9) Dia
.384 (9.8) .372 (9.4) (See Note 6) .158 (4.0) .102 (2.6) Min Max Dia
A Dia Ferrule Hole
.0788 .0787 Dia
Crimp Sleeve (See Note 5)
Environmental Seal
Spring Washers
Ferrule
TABLE I: DASH NUMBER
Assembly Dash Number 1250 1255 1260 1270 1420 Dia (Microns)
126.0 125.0 126.5 125.5 127.0 126.0 128.0 127.0 143.0 142.0
A
TABLE II: CRIMP SLEEVE DESIGNATOR
Designator C Cable Diameter 2.0-2.4 mm (MIL-Spec) Part Number 265-008
TABLE III: TERMINUS ACCESSORIES
Part Number 182-012 182-013 182-014 182-015 182-017 Accessory Crimp Tool Insertion Tool, Straight Insertion Tool, 90 Removal Tool Hand Polishing Tool
Consult Factory for Additional Sizes
APPLICATION NOTES
1. 2. Assembly packaged in plastic bag and tag identified with manufacturer's name and part number. Material/ Finish: Ferrule: Zirconia Ceramic/ N.A. Terminus Assembly: Stainless Steel/ Passivate Retaining Clip, Spring Washers: Spring Alloy / N.A. Seal: Fluorosilicone Crimp Sleeve: Brass Alloy/Nickel 3. 4. 5. 6. Crimp Sleeve may be ordered separately (Table II). Metric dimensions (mm) are in parentheses Dummy Terminus: Part Number 181-051 Dimension to be measured when installed into insert equivalent fixture per MIL-PRF-29504/14
(c) 2006 Glenair, Inc. www.glenair.com
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com D-3
MIL-PRF-28876 Connectors


▲Up To Search▲   

 
Price & Availability of 181-039-1250C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X