Part Number Hot Search : 
SM5050A 045CT WM8352 STRLPBF 3103G WS085060 APL2255 DB90M
Product Description
Full Text Search
 

To Download 0912283001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0912283001 Active
2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0071 (PDF) RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 91228 Push-Push Receptacle (Card) ChipSIM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes 6 6 Black, Natural 5,000 Left Vertical (Top Entry) Yes Phosphor Bronze, Piano wire, Stainless Steel Gold Tin High Temperature Thermoplastic No Normal None Embossed Tape on Reel 0.100 In, 0.288 In 2.54 mm, 7.32 mm 0.100 In, 0.288 In 2.54 mm, 7.32 mm 4 0.1 120 3 1 Yes -30C to +85C Surface Mount
Search Parts in this Series 91228Series
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum Voltage Key 0.5A No 50V DC N/A
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability 5 Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature Process Temperature max. C
2 240
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0071 SD-91228-001, SDA-91228-9001
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0912283001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X