Part Number Hot Search : 
SDA5457 3188M008 MSGB51T 74AUP 20060 2EZ82D10 KMB14F YT43M
Product Description
Full Text Search
 

To Download 0781206013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0781206013 Active
1.27mm (.050") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25m (10") Gold (Au) Plating, without Kapton Tape, 60 Circuits, Tube,Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87933-001 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Receptacles 78120 Wire-to-Board N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Name
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 60 60 Black 100 No No None None Phosphor Bronze Gold Nickel High Temperature Thermoplastic 2 Vertical No None Tube 0.050 In 1.27 mm 0.050 In 1.27 mm 10 0.25 50 1.27 No No -55C to +105C Surface Mount
Search Parts in this Series 78120Series Mates With 87932 , 87933 , 87934 Wire-to-Board Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 1.75A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 3 260
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-87933-001 SD-78120-007
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0781206013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X