Part Number Hot Search : 
ATMEGA32 3KASMC2X 0365R 00FLH ADV7321 VF20120S L8C204 ZPY36
Product Description
Full Text Search
 

To Download 0760680001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0760680001 Obsolete
sfp_stacked_multiport_connectors Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-6 Multi-Port Press Fit Connector without Lightpipe Ports, EMI Metal Gasket, 240 Circuits, Tin (Sn)/Lead(Pb) Tails
Documents: Drawing (PDF)
Series image - Reference only LR19980 E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 76068 Module-to-Board Receptacle sfp_stacked_multiport_connectors SFP Plus N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) N/A 240 240 240 Black 100 94V-0 Female None Yes High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic 2 Right Angle 0.081 In 2.07 mm Yes Yes 0.062 In 1.57 mm Tray No 0.031 In 0.80 mm 0.031 In 0.80 mm 30.4 0.76 30.4 0.76
Search Parts in this Series 76068Series Use With 0759510999 SFP Dust Plug, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SFP Insertion Tool, 2 0622029925 x6 SFP Stacked Multi- 0622029950 Port Extraction Tool, 2 by 6
Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof
Yes Yes 12 No -40C to +85C Through Hole - Compliant Pin No
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.5A None EMI Gasket Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-75310-001 PK-75451-001 PS-75310-001 SD-76068-001
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0760680001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X