Part Number Hot Search : 
SDH10KS 40160 D2459 2SK214 APC79102 D12612 05000 2SD1770
Product Description
Full Text Search
 

To Download 0746951004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0746951004 Active
vhdm__hsd 2.00mm (.079") Pitch 5-Row VHDM-HSDTM Backplane Header, Open Module, 40 Circuits, Pin Length 5.15mm (.203")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR19880 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74695 Backplane Tooling Manual Open Header PCB Header vhdm__hsd VHDM-HSDTM N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 40 40 Black 200 No 94V-0 No None High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 5 Vertical None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 30 0.75 30 0.75 Yes Yes -55C to +105C Through Hole - Compliant Pin
Search Parts in this Series 74695Series Mates With 74670 HSD Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) 5 Row Pin 0622015810 and Shield Repair Tool VHDM(R) 5 Row 0622016010 Shield Extraction Tool VHDM-HSDTM Signal 0622020201 Header, 5 Row by
Electrical
Current - Maximum per Contact Data Rate Shielded Voltage - Maximum 1A 5.0 Gbps Yes 120V AC (RMS)/DC
10 Wide, 20.00mm (.787")
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation PK-74695-003 SD-74695-002
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0746951004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X