Part Number Hot Search : 
BYG20 MB39A123 222M35 EE08812 SB140 B2566 02050 SB140
Product Description
Full Text Search
 

To Download 0746511004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0746511004 Active
vhdm__hsd 2.00mm (.079") Pitch 8-Row VHDM-HSDTM Backplane Header, Guide Pin Signal Module, Shield End Version, 60 Circuits, Pin Length 5.15mm (.203")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74651 Backplane Tooling Manual No Keying Position PCB Header vhdm__hsd VHDM-HSDTM N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) 60 60 Black 200 No 94V-0 Yes None Copper-Nickel-Silicon, High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 8 Vertical 0.098 In 2.50 mm No None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75
Search Parts in this Series 74651Series Mates With HSD Daughtercards 74680 , 74686 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) Insertion 0622020205 Module for Advanced Mate Signal Header, 8 Row by 10 Wide, 20.00mm (.787")
Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
30 0.75 Yes Yes Yes -55C to +105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 5.0 Gbps 72 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation PK-74061-003 SD-74651-002
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0746511004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X