Part Number Hot Search : 
SI7946DP 2DD100P 2KBP08M SZA1000 3122V 3C20S2 IRPLCFL2 XC6215
Product Description
Full Text Search
 

To Download 0674921430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0674921430 Active
serial_ata_127_host_receptacles 1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height 5.90mm (.232"), Gold (Au) Flash, 22 Circuits, with Cap, Tape on Reel, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67492-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 67492 Board-to-Board With Cap serial_ata_127_host_receptacles Serial ATA EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Temperature Range - Operating Termination Interface: Style 22 22 Black 500 No Yes Yes None Copper Alloy Gold Tin High Temperature Thermoplastic 1 Right Angle Yes Yes 0.045 In 1.20 mm Embossed Tape on Reel 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 50 1.27 Yes Yes Pick and Place Cap No -35C to +85C Surface Mount
Search Parts in this Series 67492Series Mates With 87703 , 87672 Serial ATA Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-67492-008 PS-67492-001 SD-67492-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0674921430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X