Part Number Hot Search : 
KBU4J SYABN AN7190NK 90KS200C T8208 EMK12G T8208 EMK12G
Product Description
Full Text Search
 

To Download 0476622000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0476622000 Active
slimline_serial_ata_odd_connectors 1.27mm (.050") Pitch Removable Slimline Serial ATA Header for Optical Disk Drive, Vertical, Through Hole, DIP Type, Gold (Au) Flash Plating, with Beveled Metal Pins, with Cap, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47657-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Overview Product Name PCB Headers 47662 Board-to-Board slimline_serial_ata_odd_connectors Serial ATA, Slimline Serial ATA EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style No 22 22 Black 500 No No Yes Yes No Copper Alloy Gold Tin High Temperature Thermoplastic 1 Vertical No Yes 0.050 In 1.20 mm Embossed Tape on Reel 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 Yes Yes No -35C to +85C Through Hole
Search Parts in this Series 47662Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47662-002 PS-47657-001 SD-47662-100
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0476622000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X