Part Number Hot Search : 
A070FW 68HC9 2SA1649 D7894 UN4123 183BB MC68HC05 DSB5822
Product Description
Full Text Search
 

To Download 0474690001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0474690001 Active
2.54mm (.100") Pitch Low Profile SIM Card Connector, 6 Circuits, Housing Height 1.03mm (.041"), 0.30m (12") Gold (Au) Plating over 1.27m (50 ") Nickel on Contact Area
Documents: 3D Model Drawing (PDF)
Product Specification PS-47469-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 47469 N/A 0.60mm (.024") Contact Height above Top Housing Surface Header/Socket (Host) SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Comments Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 6 6 Black 500 No Ejector Button Present 90 Angle None Copper Alloy, Phosphor Bronze Gold Gold High Temperature Thermoplastic 0.000 In 0.00 mm No Normal None Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 12 0.30 1 0.025 0 -40C to +85C Surface Mount
Search Parts in this Series 47469Series Mates With Standard SIM Card
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.01A No 5V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47469-001 SD-47469-001
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0474690001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X