Part Number Hot Search : 
118CS CDLL960B 38335 Q6700 00222 PS224 RZ1030 6222E
Product Description
Full Text Search
 

To Download 0473622030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0473622030 Active
serial_ata_127_host_receptacles 1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, without Arris, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47362-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 47362 Wire-to-Board Right Angle Type Receptacle serial_ata_127_host_receptacles Serial ATA N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 22 22 Signal 7, Power 15 Black 50 Receptacle Yes Yes Copper Alloy Gold Tin 1 Right Angle No None 0.039 In 1.00 mm Tray Yes 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 50 1.27 Yes Yes 2 -35C to +85C Through Hole No N/A
Search Parts in this Series 47362Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47362-001 PS-47362-001 SD-47362-100
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0473622030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X