Part Number Hot Search : 
17FBD1 RN1102F CP16C60 SC9696P 2FB102 PC3S1 BU4826 A1009
Product Description
Full Text Search
 

To Download 0395300010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395300010 Active
5.08mm (.200") Pitch EurostyleTM Horizontal Plug, 10 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39530 Wire-to-Board Plug USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only
Series
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 10 Vertical Yes 1 Horizontal 0.200 In 5.08 mm 5.08 mm No 0.200 In 5.08 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39530Series Mates With 39531 Vertical PCB Header, 39532 Horizontal PCB Header, 39538 Dual Level PCB Header, Open Ends, Most 5.08mm (.200") Pitch Industry Standard PCB Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001, RPS-39500-001 SD-39530-001
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395300002 395300003 395300004 395300005 395300006 395300007 395300008 395300009 395300010 395300011 395300012 395300013 395300014 395300015 395300016 395300017 395300018 395300019 395300020 395300021 395300022 395300023 395300024 10A 395300102 395300103 395300104 395300105 395300106 395300107 395300108 395300109 395300110 395300111 395300112 395300113 395300114 395300115 395300116 395300117 395300118 395300119 395300120 395300121 395300122 395300123 395300124 11A 395300202 395300203 395300204 395300205 395300206 395300207 395300208 395300209 395300210 395300211 395300212 395300213 395300214 395300215 395300216 395300217 395300218 395300219 395300220 395300221 395300222 395300223 395300224 None 395300502 395300503 395300504 395300505 395300506 395300507 395300508 395300509 395300510 395300511 395300512 395300513 395300514 395300515 395300516 395300517 395300518 395300519 395300520 395300521 395300522 395300523 395300524 30 u" Gold Printing Options 10A 395300602 395300603 395300604 395300605 395300606 395300607 395300608 395300609 395300610 395300611 395300612 395300613 395300614 395300615 395300616 395300617 395300618 395300619 395300620 395300621 395300622 395300623 395300624 11A 395300702 395300703 395300704 395300705 395300706 395300707 395300708 395300709 395300710 395300711 395300712 395300713 395300714 395300715 395300716 395300717 395300718 395300719 395300720 395300721 395300722 395300723 395300724 None 395305002 395305003 395305004 395305005 395305006 395305007 395305008 395305009 395305010 395305011 395305012 395305013 395305014 395305015 395305016 395305017 395305018 395305019 395305020 395305021 395305022 395305023 395305024 100% Tin Printing Options 10A 395305102 395305103 395305104 395305105 395305106 395305107 395305108 395305109 395305110 395305111 395305112 395305113 395305114 395305115 395305116 395305117 395305118 395305119 395305120 395305121 395305122 395305123 395305124 11A 395305202 395305203 395305204 395305205 395305206 395305207 395305208 395305209 395305210 395305211 395305212 395305213 395305214 395305215 395305216 395305217 395305218 395305219 395305220 395305221 395305222 395305223 395305224 None 395305502 395305503 395305504 395305505 395305506 395305507 395305508 395305509 395305510 395305511 395305512 395305513 395305514 395305515 395305516 395305517 395305518 395305519 395305520 395305521 395305522 395305523 395305524 Green 30 u" Gold Printing Options 10A 395305602 395305603 395305604 395305605 395305606 395305607 395305608 395305609 395305610 395305611 395305612 395305613 395305614 395305615 395305616 395305617 395305618 395305619 395305620 395305621 395305622 395305623 395305624 11A 395305702 395305703 395305704 395305705 395305706 395305707 395305708 395305709 395305710 395305711 395305712 395305713 395305714 395305715 395305716 395305717 395305718 395305719 395305720 395305721 395305722 395305723 395305724 Dim. A mm 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 101.60 106.68 111.76 116.84 121.92 inch 0.400 Dim B mm 5.08 inch 0.200 Dimensional Information
Description 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle 5.08mm, Euro Plug, Right Angle
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
0.600 10.16 0.400 0.800 15.24 0.600 1.000 20.32 0.800 1.200 25.40 1.000 1.400 30.48 1.200 1.600 35.56 1.400 1.800 40.64 1.600 2.000 45.72 1.800 2.200 50.80 2.000 2.400 55.88 2.200 2.600 60.96 2.400 2.800 66.04 2.600 3.000 71.12 2.800 3.200 76.20 3.000 3.400 81.28 3.200 3.600 86.36 3.400 3.800 91.44 3.600 4.000 96.52 3.800 4.200 101.60 4.000 4.400 106.68 4.200 4.600 111.76 4.400 4.800 116.84 4.600


▲Up To Search▲   

 
Price & Availability of 0395300010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X