Part Number Hot Search : 
C1161 MK105 FQI630 MP501 CA3078AE NUF4401 AS6133 TCJB227M
Product Description
Full Text Search
 

To Download 0346750003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0346750003 Active
mx150_sealed_connector_system 5.00mm (.197") Pitch MX150TM 2 Way Inline Male Assembly with TPA, Single Row, 2 Circuits, Keying Option C, with Clip Slot, Black
Documents: 3D Model Application Specification (PDF) Drawing (PDF)
Product Specification PS-34062-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Comments More Detailed Tech Information Overview Product Name Crimp Housings 34675 With Clipslot http://ewcap.uscarteams.org mx150_sealed_connector_system MX150TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 2 Black Male No Yes Yes Nylon 2 Bag No 0.197 In 5.00 mm 0.197 In 5.00 mm Yes No -40C to +120C
Search Parts in this Series 34675Series Mates With 340620023 MX150TM Sealed Female Receptacle Use With 34080 Male Terminal
Electrical
Current - Maximum per Contact 22A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-34062-000 PK-31300-635 PS-34062-000 SD-34675-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0346750003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X