Part Number Hot Search : 
206K0 10HCB 2AM0405S 05D15 ZMM5230B MAX170 DM74L 05D15
Product Description
Full Text Search
 

To Download 0025022014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0025022014 Active
2.54mm (.100") Pitch C-Grid(R) Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, Tn (Sn) Plating
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-70204 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Headers 70204 Board-to-Board C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 14 14 25 94V-0 No Yes None Brass, Phosphor Bronze Tin Tin 2 Vertical 0.110 In 2.79 mm No None Tray 0.100 In 2.54 mm 150 3.81 150 3.81 Yes No Fully No -40C to +105C Through Hole
Search Parts in this Series 70204Series Mates With 71973
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
5 Wave Capable (TH only) 1 235
Material Info
Old Part Number 70204-0390
Reference - Drawing Numbers
Product Specification Sales Drawing PS-70204 SDA-70204-0385-0448
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0025022014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X