|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0010883141 Active 2.54mm (.100") Pitch C-Grid(R) Breakaway Header, High Profile, Dual Row, Right Angle, 14 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating Documents: 3D Model Packaging Specification (PDF) Drawing (PDF) Product Specification PS-70216 (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Product Name PCB Headers 70216 Board-to-Board, Wire-to-Board C-Grid(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 14 14 25 94V-0 No None Brass, Phosphor Bronze Tin Tin 2 Right Angle 0.110 In 2.79 mm No None Tube 0.100 In 2.54 mm 150 3.75 150 3.75 No No No Yes -40C to +105C Through Hole Search Parts in this Series 70216Series Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C Wave Capable (TH only) 1 235 Material Info Old Part Number 70216-0084 Reference - Drawing Numbers Product Specification Sales Drawing PS-70216 SD-70216-001 This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION 70216 ENG. NO: A-70216-0079/0092 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-88-3041 06 10-88-3061 08 10-88-3081 10 10-88-3101 12 10-88-3121 14 10-88-3141 16 10-88-3161 18 10-88-3181 20 10-88-3201 22 10-88-3221 24 10-88-3241 26 10-88-3261 28 10-88-3281 30 10-88-3301 (6.10)/.240 (2.79)/.110 TIN TIN (2.54)/.100 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0079 A-70216-0080 A-70216-0081 A-70216-0082 A-70216-0083 A-70216-0084 A-70216-0085 A-70216-0086 A-70216-0087 A-70216-0088 A-70216-0089 A-70216-0090 A-70216-0091 A-70216-0092 ENG. NO: A-70216-0118/0131 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-88-3042 06 10-88-3062 08 10-88-3082 10 10-88-3102 12 10-88-3122 14 10-88-3142 16 10-88-3162 18 10-88-3182 20 10-88-3202 22 10-88-3222 24 10-88-3242 26 10-88-3262 28 10-88-3282 30 10-88-3302 (8.13)/.320 (2.79)/.110 TIN TIN (4.57)/.180 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0118 A-70216-0119 A-70216-0120 A-70216-0121 A-70216-0122 A-70216-0123 A-70216-0124 A-70216-0125 A-70216-0126 A-70216-0127 A-70216-0128 A-70216-0129 A-70216-0130 A-70216-0131 ENG. NO: A-70216-0235/0248 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-89-4042 06 10-89-4062 08 10-89-4082 10 10-89-4102 12 10-89-4122 14 10-89-4142 16 10-89-4162 18 10-89-4182 20 10-89-4202 22 10-89-4222 24 10-89-4242 26 10-89-4262 28 10-89-4282 30 10-89-4302 (6.10)/.240 (2.79)/.110 15 GOLD GOLD (2.54)/.100 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0235 A-70216-0236 A-70216-0237 A-70216-0238 A-70216-0239 A-70216-0240 A-70216-0241 A-70216-0242 A-70216-0243 A-70216-0244 A-70216-0245 A-70216-0246 A-70216-0247 A-70216-0248 REV: ECR/ECN INFORMATION EC No: DATE: TITLE: A1 UCP2007-1509 2006-12-18 PRIDDER RT. ANG. WAFER ASS'Y 2.54/.100 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS CREATED / REVISED BY: CHECKED BY: SHEET No. -2APPROVED BY: DOCUMENT NUMBER: SD-70216-001 ADERR FSMITH TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC 70216 ENG. NO: A-70216-0274/0287 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-89-4043 06 10-89-4063 08 10-89-4083 10 10-89-4103 12 10-89-4123 14 10-89-4143 16 10-89-4163 18 10-89-4183 20 10-89-4203 22 10-89-4223 24 10-89-4243 26 10-89-4263 28 10-89-4283 30 10-89-4303 (8.13)/.320 (2.79)/.110 15 GOLD GOLD (4.57)/.180 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0274 A-70216-0275 A-70216-0276 A-70216-0277 A-70216-0278 A-70216-0279 A-70216-0280 A-70216-0281 A-70216-0282 A-70216-0283 A-70216-0284 A-70216-0285 A-70216-0286 A-70216-0287 ENG. NO: A-70216-0391/0404 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-89-4046 06 10-89-4066 08 10-89-4086 10 10-89-4106 12 10-89-4126 14 10-89-4146 16 10-89-4166 18 10-89-4186 20 10-89-4206 22 10-89-4226 24 10-89-4246 26 10-89-4266 28 10-89-4286 30 10-89-4306 (6.10)/.240 (2.79)/.110 30 GOLD GOLD (2.54)/.100 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0391 A-70216-0392 A-70216-0393 A-70216-0394 A-70216-0395 A-70216-0396 A-70216-0397 A-70216-0398 A-70216-0399 A-70216-0400 A-70216-0401 A-70216-0402 A-70216-0403 A-70216-0404 ENG. NO: A-70216-0430/0443 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 10-89-4047 06 10-89-4067 08 10-89-4087 10 10-89-4107 12 10-89-4127 14 10-89-4147 16 10-89-4167 18 10-89-4187 20 10-89-4207 22 10-89-4227 24 10-89-4247 26 10-89-4267 28 10-89-4287 30 10-89-4307 (8.13)/.320 (2.79)/.110 30 GOLD GOLD (4.57)/.180 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER A-70216-0430 A-70216-0431 A-70216-0432 A-70216-0433 A-70216-0434 A-70216-0435 A-70216-0436 A-70216-0437 A-70216-0438 A-70216-0439 A-70216-0440 A-70216-0441 A-70216-0442 A-70216-0443 REV: ECR/ECN INFORMATION EC No: DATE: TITLE: A1 UCP2007-1509 2006-12-18 PRIDDER RT. ANG. WAFER ASS'Y 2.54/.100 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS CREATED / REVISED BY: CHECKED BY: SHEET No. -3APPROVED BY: DOCUMENT NUMBER: SD-70216-001 ADERR FSMITH TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC 70216 ENG. NO: A-70216-0313/0326 DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 06 08 10 12 14 16 18 20 22 24 26 28 30 50-34-8535 (6.10)/..240 (4.19)/.165 15 GOLD GOLD (4.57)/.180 TIN (1.27)/.050 SEE NOTE 4 ON SHT. 1 ENG. NUMBER ENG. NO: A-70216DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 06 08 10 12 14 16 18 20 22 24 26 28 30 ENG. NO: A-70216DIM. C DIM. E (REF.) FINISH CONNECTOR END PLATING DIM. D (MEASURE PT.) P.C. BOARD END PLATING DIM. F (MEASURE PT.) PACKAGING CKTS EDP NUMBER 04 06 08 10 12 14 16 18 20 22 24 26 28 30 ENG. NUMBER ENG. NUMBER A-70216-0326 REV: ECR/ECN INFORMATION EC No: DATE: TITLE: A1 UCP2007-1509 2006-12-18 PRIDDER RT. ANG. WAFER ASS'Y 2.54/.100 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS CREATED / REVISED BY: CHECKED BY: SHEET No. -4APPROVED BY: DOCUMENT NUMBER: SD-70216-001 ADERR FSMITH TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC |
Price & Availability of 0010883141 |