Part Number Hot Search : 
842128 842128 C1104 02822 RC205 UPD17241 HT83003 SMCG120A
Product Description
Full Text Search
 

To Download 0010321021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0010321021 Active
5.08mm (.200") Pitch SPOXTM Wire-to-Board Header, Vertical, with Friction Lock, 2 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-5197-001 (PDF) Product Specification PS-5197-003 (PDF)
Product Specification PS-5197-004 (PDF) Product Specification PS-5197-005 (PDF) Product Specification PS-5281-002 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL LR19980 R72090224 E29179
General
Product Family Series Application Product Name PCB Headers 5281 Wire-to-Board SPOXTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable No 2 2 Natural 30 No 94V-2 No No None Yes Brass Tin Tin Nylon 1 Vertical 0.142 In 3.60 mm No None 0.062 In 1.60 mm Bag 0.200 In 5.08 mm 200 5 200 5 No Partial No
Search Parts in this Series 5281Series Mates With 5197 SPOXTM Crimp Terminal Housing
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 7A 250V
Material Info
Old Part Number 5281-02A
Reference - Drawing Numbers
Product Specification PS-5197-001, PS-5197-003, PS-5197-004, PS-5197-005, PS-5281-002, RPS-5197-001, RPS-5281-001 SD-5281-NA
Sales Drawing
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0010321021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X