Part Number Hot Search : 
SURKWA 78105 BUT33 61002 ML22Q54 WT4433AM 2SD880O D4043
Product Description
Full Text Search
 

To Download Z0103NN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Z0103NN
Logic level four-quadrant triac
Rev. 03 -- 5 August 2009 Product data sheet
1. Product profile
1.1 General description
Passivated sensitive gate 4-Q triac in a SOT223 surface-mountable plastic package
1.2 Features and benefits
Direct interfacing to logic level ICs Direct interfacing to low power gate drive circuits High blocking voltage of 800V Sensitive gate in four quadrants Surface-mountable package
1.3 Applications
General purpose low power motor control Home appliances Industrial process control Low power AC Fan controllers
1.4 Quick reference data
Table 1. VDRM IT(RMS) Quick reference Conditions Min half sine wave; Tsp 89 C; see Figure 1 and 4 VD = 12 V; Tj = 25 C; T2+ G-; see Figure 6 VD = 12 V; Tj = 25 C; T2- GVD = 12 V; Tj = 25 C; T2+ G+ VD = 12 V; Tj = 25 C; T2- G+ Typ Max 800 1 Unit V A repetitive peak off-state voltage RMS on-state current gate trigger current Symbol Parameter
Static characteristics IGT 3 3 3 5 mA mA mA mA
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
2. Pinning information
Table 2. Pin 1 2 3 4 Pinning information Symbol T1 T2 G T2 Description main terminal 1 main terminal 2 gate main terminal 2
1 2 3 4 T2
sym051
Simplified outline
Graphic symbol
T1 G
SOT223 (SC-73)
3. Ordering information
Table 3. Ordering information Package Name Z0103NN SC-73 Description plastic surface-mounted package with increased heatsink; 4 leads Version SOT223 Type number
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
2 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
4. Limiting values
Table 4. Symbol VDRM IT(RMS) dIT/dt Limiting values Parameter repetitive peak off-state voltage RMS on-state current rate of rise of on-state current half sine wave; Tsp 89 C; see Figure 1 and 4 IT = 1 A; IG = 20 mA; dIG/dt = 100 mA/s; T2+ GIT = 1 A; IG = 20 mA; dIG/dt = 100 mA/s; T2+ G+ IT = 1 A; IG = 20 mA; dIG/dt = 100 mA/s; T2- G+ IT = 1 A; IG = 20 mA; dIG/dt = 100 mA/s; T2- GIGM PGM Tstg Tj ITSM peak gate current peak gate power storage temperature junction temperature non-repetitive peak on-state current I2t for fusing average gate power full sine wave; tp = 16.7 ms; Tj(init) = 25 C full sine wave; tp = 20 ms; Tj(init) = 25 C; see Figure 2 and 3 tp = 10 ms; sine-wave pulse Conditions Min -40 Max 800 1 50 50 20 50 1 2 150 125 8.5 8 0.32 0.1 Unit V A A/s A/s A/s A/s A W C C A A A2s W
In accordance with the Absolute Maximum Rating System (IEC 60134).
I2t PG(AV)
2.0 Ptot (W) 1.6
003aac259
conduction angle (degrees) 30 60 90 120 180
form factor a 4 2.8 2.2 1.9 1.57
= 180
120 90 60
1.2
0.8 30
0.4
0.0 0 0.2 0.4 0.6 0.8 1 IT(RMS) (A) 1.2
Fig 1.
Total power dissipation as a function of RMS on-state current; maximum values
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
3 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
10 ITSM (A) 8
003aad318
6
4
IT
ITSM t 1/f Tj(init) = 25 C max
2
0 1 10
102
number of cycles
103
Fig 2.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values
003aad319
103 ITSM (A)
IT
ITSM t tp Tj(init) = 25 C max
102
(1)
(2)
10
1 10-5
10-4
10-3
10-2
tp (s)
10-1
Fig 3.
Non-repetitive peak on-state current as a function of pulse width; maximum values
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
4 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
1.2 IT(RMS) (A)
003aad391
0.8
0.4
0 -50
0
50
100
150 Tsp (C)
Fig 4.
Maximum permissible RMS on-state current as a function of solder point temperature; typical values.
5. Thermal characteristics
Table 5. Symbol Rth(j-sp) Rth(j-a) Thermal characteristics Parameter Conditions Min Typ 150 60 Max 25 Unit K/W K/W K/W thermal resistance from see Figure 5 junction to solder point thermal resistance from junction to ambient
102 Zth(j-sp) (K/W) 10
003aad390
1
P
10-1
tp t
10-2 10-5
10-4
10-3
10-2
10-1
1
tp (s)
10
Fig 5.
Transient thermal impedance from junction to solder point as a function of pulse duration
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
5 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
6. Characteristics
Table 6. Symbol IGT Characteristics Parameter gate trigger current Conditions VD = 12 V; Tj = 25 C; T2+ G-; see Figure 6 VD = 12 V; Tj = 25 C; T2- GVD = 12 V; Tj = 25 C; T2+ G+ VD = 12 V; Tj = 25 C; T2- G+ IL latching current VD = 12 V; Tj = 25 C; IG = 0.1 A; T2+ G-; see Figure 7 VD = 12 V; Tj = 25 C; IG = 0.1 A; T2+ G+ VD = 12 V; Tj = 25 C; IG = 0.1 A; T2- G+ VD = 12 V; Tj = 25 C; IG = 0.1 A; T2- GIH VT VGT holding current on-state voltage gate trigger voltage VD = 12 V; Tj = 25 C; see Figure 10 IT = 1 A; see Figure 8 IT = 0.1 A; VD = 12 V; Tj = 25 C; see Figure 9 IT = 0.1 A; VD = 800 V; Tj = 125 C ID dVD/dt dVcom/dt off-state current rate of rise of off-state voltage rate of rise of commutating voltage VD = 800 V; Tj = 125 C VDM = 536 V; Tj = 110 C; gate open circuit; see Figure 11 VD = 400 V; Tj = 110 C; dIcom/dt = 0.44 A/ms; gate open circuit Dynamic characteristics 10 0.5 V/s V/s Min 0.2 Typ 1.3 Max 3 3 3 5 15 7 7 7 7 1.6 1.3 0.5 Unit mA mA mA mA mA mA mA mA mA V V V mA
Static characteristics
4 IGT IGT(25C) 3
(1) (2) (3) (4)
003aaa205
3 IL IL(25C)
003aaa203
2
2
1 1
0 -50
0
50
100 Tj (C)
150
0 -50
0
50
100 Tj (C)
150
Fig 7. Fig 6. Normalized gate trigger current as a function of junction temperature
Normalized latching current as a function of junction temperature
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
6 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
2 IT (A) 1.6
003aac258
1.6 VGT VGT(25C) 1.2
003aaa209
1.2
0.8
0.8
(1) (2) (3)
0.4
0.4
0 0 0.4 0.8 1.2 1.6 VT (V) 2
0 -50
0
50
100 Tj (C)
150
Fig 9.
Normalized gate trigger voltage as a function of junction temperature
Fig 8.
On-state current as a function of on-state voltage
3 IH IH(25C)
003aaa204
2
1
0 -50
0
50
100 Tj (C)
150
Fig 10. Normalized holding current as a function of junction temperature
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
7 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
1.6 A 1.2
003aaa208
0.8
0.4
0 0 50 100 Tj (C) 150
Fig 11. Normalized critical rate of rise of off-state voltage as a function of junction temperature;typical values
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
8 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
7. Package outline
Plastic surface-mounted package with increased heatsink; 4 leads SOT223
D
B
E
A
X
c y HE b1 vMA
4
Q A A1
1
e1 e
2
bp
3
wM B detail X
Lp
0
2 scale
4 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.8 1.5 A1 0.10 0.01 bp 0.80 0.60 b1 3.1 2.9 c 0.32 0.22 D 6.7 6.3 E 3.7 3.3 e 4.6 e1 2.3 HE 7.3 6.7 Lp 1.1 0.7 Q 0.95 0.85 v 0.2 w 0.1 y 0.1
OUTLINE VERSION SOT223
REFERENCES IEC JEDEC JEITA SC-73
EUROPEAN PROJECTION
ISSUE DATE 04-11-10 06-03-16
Fig 12. Package outline SOT223 (SC-73)
Z0103NN_3 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
9 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
8. Revision history
Table 7. Revision history Release date 20090805 Data sheet status Product data sheet Change notice Supersedes Z0103_07_09_SERIES-02 Document ID Z0103NN_3 Modifications:
* * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Type number Z0103NN separated from data sheet Z0103_07_09_SERIES-02. Product data Product data Z0103_07_09_SERIES-01 -
Z0103_07_09_SERIES-02 (9397 750 10102) Z0103_07_09_SERIES-01 (9397 750 09419)
20020912 20020411
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
10 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
Z0103NN_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 5 August 2009
11 of 12
NXP Semiconductors
Z0103NN
Logic level four-quadrant triac
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 Thermal characteristics . . . . . . . . . . . . . . . . . . .5 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . .10 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information. . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 5 August 2009 Document identifier: Z0103NN_3


▲Up To Search▲   

 
Price & Availability of Z0103NN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X