Part Number Hot Search : 
BV03CW TL084CN GSM793E 0509DH30 3488E TIPC550S 1N472 PL001
Product Description
Full Text Search
 

To Download UF200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULTRAFAST SWITCHING RECTIFIER
UF200 THRU UF2010
FEATURES l Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound l Void-free Plastic in DO-15 package l 2.0 ampere operation at TA=55 J with no thermal runaway l l Exceeds environmental standards of MIL-S-19500/228 Ultra fast switching for high efficiency DO-15
MECHANICAL DATA Case: Molded plastic, DO-15 Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.015 ounce, 0.4 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. UF200 UF201 Peak Reverse Voltage, Pepetitive ; VRM 50 100 Maximum RMS Voltage 35 70 DC Blocking Voltage; VR 50 100 Average Forward Current, Io @TA=55 J 3.8" lead length, 60Hz, resistive or inductive load Peak Forward Surge Current IFM (surge) 8.3msec. single half sine-wave superimposed on rated load (JEDEC method) 1.00 Maximum Forward Voltage VF @2.0A, 25 J Maximum Reverse Current, @ Rated TJ=25 J Reverse Voltage TJ=100 J Typical Junction capacitance (Note 1) CJ Typical Junction Resistance (Note 2) R KJA Reverse Recovery Time 50 50 IF=.5A, IR=1A, Irr=.25A Operating and Storage Temperature Range UF202 200 140 200 UF204 400 280 400 2.0 60 UF206 600 420 600 UF208 UF2010 UNITS 800 1000 V 560 700 V 800 1000 V A A
50
1.10 10.0 500 35 45 50 -55 TO +150
1.70
75
75
75
V g A g A PF J /W ns J
Web Site: WWW.PS-PFS.COM
RATING AND CHARACTERISTIC CURVES UF200 THRU UF2010
trr
+0.5A 0 -0.25
NOTE:1.Rise Time = 7ns max. Input Impedance = 1 megohm. 22pF 2.Rise Time = 10ns max. Source Impedance = 50 Ohms
-1.0
SET TIME BASE FOR 50 ns/cm
1cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
10 UF200 TYPICAL 1 2.4 2.0 1.4 1.2 0.8 0.4 0 25 50 75 100 125 150 175
IFM, Apk
SINGLE PHASE HALF WAVE 60Hz RESISSTIVE OR INDUCTIVE LOAD .375" 9.5mm LEAD LENGTHS
0.1
UF2010 TJ = 25 J
0.01 0 .2 .4 .6 .8 1.0 1.2 1.4 1.6
FORWARD VOLTAGE-VFM(Vpk)
AMBIENT TEMPERATURE, J
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
PEAD FORWARD SURGE CURRENT, AMPERES
60
JUNCTION CAPACITANCE, pF
100 TJ = 25 J f = 1.0MHz Vsig = 50mVp-p
48
36
24
10 5 1 10 REVERSE VOLTAGE, VOLTS 100
12
1
2
4
6 8 10
20
40 60 80 100
NUMBER OF CYCLES AT 60Hz
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-PEAK FORWARD SURGE CURRENT
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of UF200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X