Part Number Hot Search : 
ICS830 T4001 JCPS2LW BC847B MB86H25 BT101 ARS35 125SP
Product Description
Full Text Search
 

To Download STC13007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN POWER TRANSISTORS
FEATURES APPLICATION: HIGH SPEED SWITCHING FLUORESCENT LAMP HIGH VOLTAGE CAPABILITY ELECTRONIC BALLAST WIDE SOA SWITCH POWER SUPPLY
STC13007
Absolute Maximum Ratings
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter- Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
Tc=25 C
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg VALUE 700 400 9 8.0 80 150 -65-150
TO-220
UNIT V V V A W C C
1 2 3
STYLE 1: PIN 1. 2. 3. 4. BASE COLLECTOR EMITTER COLLECTOR
4
TO-220
Electronic Characteristics
CHARACTERISTICS Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Voltage Emitter -Base Voltage Collector-Emitter Saturation Voltage
Tc=25 C
SYMBOL ICBO ICEO VCEO VEBO Vces TEST CONDITION VCB=700V VCE=400V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0 IC=2.0A,IB=0.4A IC=5.0A,IB=1.0A IC=8.0A,IB=2.0A IC=5.0A,IB=1.0A VCE=5V,IC=10mA 8 10 8 3.5 0.8 S 40 VCE=5V,IC=2.0A VCE=5V,IC=4.0A VCC=250V, IC=5IB IB1= -IB2=1A 400 9 0.7 1.5 3.0 1.5 V V MIN MAX 100 250 UNIT A A V V
Base-Emitter Saturation Voltage DC Current Gain
Vbes hFE tS tf
Storage Time Falling Time
1
7
SOA (DC)
NPN POWER TRANSISTORS
STC13007
Pc
Tj
IS/B
Ptot
hFE - Ic
hFE - Ic
Tj=125
Tj=125
Tj=25
Tj=25
Tj=
40
Tj=
40
Vce=1.5V
Vce=5V
Vces - Ic
Tj=125 hFE=5 Tj= Tj=25 40 hFE=5
Vbes - Ic
Tj=
40
Tj=125 Tj=25
2
NPN POWER TRANSISTORS
STC13007
TO-220 MECHANICAL DATA
UNIT mm SYMBOL min nom max SYMBOL min nom 2.54 5.18 2.89
........................13.80
max
A...........................4.47...........................................................4.67 A1........................ .52...........................................................2.82 2 .b...........................0.71...........................................................0.91 b1.......................1.17...........................................................1.37 c...........................0.31...........................................................0.53 c1.......................1.17..........................................................1.37 D..........................10.01.......................................................10.31 .E...........................8.50..........................................................8.90 E1......................12.06.......................................................12.46
e................................. e1.............4.98 F..........................2.59 L..........................13.40 L1.......................3.56
..............................3.79
3.96 3.89
D
A
F E
c1
L1
L
E1
e b1 e1 Front View b
A1 c Side View
3


▲Up To Search▲   

 
Price & Availability of STC13007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X