Part Number Hot Search : 
HV5812 60001 M54610P CA310 10ELT M24C08 MZP4733 TM7207PM
Product Description
Full Text Search
 

To Download STC13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN POWER TRANSISTORS
FEATURES APPLICATION HIGH VOLTAGE CAPABILITY FLUORESCENT LAMP HIGH SPEED SWITCHING ELECTRONIC BALLAST WIDE SOA ELECTRONIC TRANSFORMER
STC13003
Absolute Maximum Ratings
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
Tc=25 C
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg VALUE 700 450 9 1.5 30 150 -65-150
TO-126
UNIT V V V A W C C
Electronic Characteristics
CHARACTERISTICS Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Voltage Emitter-Base Voltage Collector-Emitter Saturation Voltage
Tc=25 C
SYMBOL ICBO ICEO VCEO VEBO Vces TEST CONDITION VCB=700V VCE=450V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0 IC=0.5A,IB=0.1A IC=1.0A,IB=0.25A IC=1.5A,IB=0.5A IC=0.5A,IB=0.1A VCE=5V,IC=10mA 8 10 8 3 0.8 S 40 VCE=5V,IC=0.5A VCE=5V,IC=1.0A VCC=250V, IC=5IB IB1= -IB2=0.2A 450 9 0.5 0.8 1.0 1.5 V V MIN MAX 100 250 UNIT A A ...V V
Base-Emitter Saturation Voltage DC Current Gain
Vbes hFE tS tf
Storage Time Falling Time
1
NPN POWER TRANSISTORS
STC13003
R
SOA (DC) Pc Tj
IS/B
Ptot
hFE - Ic
hFE - Ic
Tj=125 Tj=25 Tj= 40
Tj=125 Tj=25 Tj= 40
Vce=1.5V
Vce=5V
Vces - Ic
hFE=5 hFE=5 Tj=125 Tj=25 Tj= 40
Vbes - Ic
Tj=
40
Tj=25 Tj=125
2
NPN POWER TRANSISTORS
STC13003
TO-126 MECHANICAL DATA
UNIT SYMBOL A B B1 b c D E e min 2.3 1.0 0.8 0.65 0.45 10.5 7.2 2.29 nom max 2.8 1.2 1.0 0.88 0.60 11.1 7.8 SYMBOL L L1 P P1 Q Q1 R 3.6 0.9 0.5* 3.0 5.0 4.4 1.5 min 15.3 nom mm max 16.5 2.54 3.2
3


▲Up To Search▲   

 
Price & Availability of STC13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X