Part Number Hot Search : 
RN2307 2001B PQ05RR12 002000 1N5252B 19N602 P2K9A 42S32200
Product Description
Full Text Search
 

To Download STC13001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN POWER TRANSISTORS
FEATURES APPLICATION: HIGH VOLTAGE CAPABILITY FLUORESCENT LAMP HIGH SPEED SWITCHING ADAPTER CHARGER WIDE SOA
STC13001
Absolute Maximum Ratings
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter- Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
TC=25 C
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg VALUE 700 480 9 0.5 7 150 -65-150
TO-92
UNIT V V V A W C C
Electronic Characteristics
CHARACTERISTICS Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Voltage Emitter- Base Voltage Collector-Emitter Saturation Voltage
Tc=25 C
SYMBOL ICBO ICEO VCEO VEBO Vces TEST CONDITION VCB=700V VCE=480V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0 IC=0.05A, ,IB=0.01A IC=0.1A,IB=0.02A IC=0.3A,IB=0.1A IC=0.1A,IB=0.02A VCE=5V,IC=1mA 8 10 8 2.0 0.8 S 40 VCE=5V,IC=20mA VCE=5V,IC=200mA VCC=250V, IC=5IB IB1= -IB2=0.04A 480 9 0.5 1.0 3.0 1.5 V V MIN MAX 100 250 UNIT A A V V
Base-Emitter Saturation Voltage DC Current Gain
VBES hFE tS tf
Storage Time Falling Time
1
1
SOA (DC)
NPN POWER TRANSISTORS
Pc Tj
STC13001
IS/B
Ptot
hFE - Ic
hFE - Ic
Tj=125 Tj=25 Tj= 40
Tj=125 Tj=25 Tj= 40
Vce=1.5V
Vce=5V
Vces - Ic
hFE=5 Tj=125 Tj= Tj=25 40 hFE=5
Vbes - Ic
Tj= 40
Tj=25 Tj=125
2
NPN POWER TRANSISTORS
STC13001
TO-92 MECHANICAL DATA
UNIT SYMBOL A b c D D d E e e1 L L1 12.7 2.0 min 4.3 0.3 0.3 4.3 1.0 3.2 2.54 1.27 5.2 1.7 4.2 nom max 5.3 mm
3


▲Up To Search▲   

 
Price & Availability of STC13001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X