Part Number Hot Search : 
SMA220CA APT33 PJF12N65 FR9120 MSS1038 CM1869 UF2002 YD7312
Product Description
Full Text Search
 

To Download SMA4011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A4011 / SMA4011
Cascadable Amplifier 1000 to 4000 MHz
Features
* * * * LOW NOISE FIGURE: 2.0 dB (TYP.) MEDIUM OUTPUT POWER: +18.3 dBm (TYP.) HIGH EFFICIENCY: 65 mA (TYP.) @ +5 Vdc PHEMT AMPLIFIER Rev. V3
Product Image
Description
The A4011 microwave amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability. This single stage PHEMT feedback amplifier design displays impressive performance characteristics over a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.
Ordering Information
Part Number
A4011 SMA4011 CA4011 **
Package
TO-8 Surface Mount SMA Connectorized
** The connectorized version is not RoHs compliant.
Electrical Specifications: Z0 = 50, VCC = +5 VDC
Typical Parameter
Frequency Small Signal Gain (min) Gain Flatness (max) Reverse Isolation Noise Figure (max) Power Output @ 1 dB comp. (min) IP3 IP2 Second Order Harmonic IP VSWR Input / Output (max) DC Current @ 5 Volts (max) mA
Absolute Maximum Ratings
Parameter
Storage Temperature Case Temperature DC Voltage Continuous Input Power Short Term Input power (1 minute max.)
Guaranteed 0 to 50C
1.0-4.0 13.0 0.7
Units 25C
GHz dB dB dB dB dBm dBm dBm dBm 0.8-4.5 15.5 0.4 16 2.0 18.3 +29 +45 +50 1.4:1 / 1.4:1 65 2.0:1 / 1.9:1 70 2.2:1 / 2.0:1 75 2.7 16.5 3.2 16.0
Absolute Maximum
-62C to +150C +125C +7 V +13 dBm 100 mW 0.25 W +125C
-54 to +85C*
1.0-4.0 12.5 1.0
Peak Power (3 sec max.) "S" Series Burn-In Temperature (case)
Thermal Data: VCC = +5 VDC
Parameter
Thermal Resistance jc Transistor Power Dissipation Pd Junction Temperature Rise Above Case Tjc
Rating
47C/W 0.2 W +9.4C
1
* Over temperature performance limits for part number CA4011, guaranteed from 0oC to +50oC only.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
A4011 / SMA4011
Cascadable Amplifier 1000 to 4000 MHz
Typical Performance Curves at +25C Outline Drawing: TO-8 *
Rev. V3
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: Surface Mount *
WEIGHT: 1 gram (0.04 oz.) max
Outline Drawing: SMA Connectorized *
WEIGHT: 19 grams (0.67 oz.) max
2
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of SMA4011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X