Part Number Hot Search : 
TA7612AP BAV990 025001 100BG MX23C ASM3P F10A40 8108A
Product Description
Full Text Search
 

To Download SD-44764-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0447640402 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0, BMITM Receptacle Header, Dual Row, Right Angle, with Press-fit Plastic Pegs, 0.38m (15") Gold (Au) Selective, 4 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Overview Product Literature Order No Product Name PCB Receptacles 44764 Board-to-Board, Wire-to-Board microfit_30 USA-106 Micro-Fit 3.0 BMITM
Physical
Circuits (Loaded) Durability (mating cycles max) Flammability Glow-Wire Compliant Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 4 30 94V-0 No Phosphor Bronze Gold Tin 2 Right Angle Yes Yes 0.062 In 1.60 mm Tray 0.118 In 3.00 mm 15.2 0.38 101.6 2.54 Yes No -40C to +105C Through Hole
Search Parts in this Series 44764Series Mates With 44428 , 44300 , 44432
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature 5 Wave Capable (TH only) 1
Process Temperature max. C
260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-44764-001 PS-44300-001, RPS-44300-001 SD-44764-001, SD-44764-003
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-44764-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X