Part Number Hot Search : 
1N4732C LA743 GM160 LIS331HH BPC25 T1200 LBN08303 1V0DS00
Product Description
Full Text Search
 

To Download SBL2030PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL2030PT & SBL2040PT
Vishay General Semiconductor
Dual Common-Cathode Schottky Rectifier
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability
3 2 1
* High frequency operation * Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application.
TO-247AD (TO-3P)
PIN 1 PIN 3 PIN 2 CASE
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 20 A 30 V, 40 V 250 A 0.60 V 125 C
MECHANICAL DATA Case: TO-247AD (TO-3P) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (Fig. 1) Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode Operating junction and storage temperature range SYMBOL VRRM VRWM VDC IF(AV) IFSM TJ, TSTG SBL2030PT 30 21 30 20 250 - 40 to + 125 SBL2040PT 40 28 40 UNIT V V V A A C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) Maximum instantaneous reverse current at rated DC blocking voltage per diode (1) TEST CONDITIONS 10 A TC = 25 C TC = 100 C SYMBOL VF SBL2030PT 0.6 1.0 50 SBL2040PT UNIT V
IR
mA
Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle Document Number: 88728 Revision: 25-Mar-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1
SBL2030PT & SBL2040PT
Vishay General Semiconductor
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Thermal resistance from junction to case per diode SYMBOL RJC SBL2030PT 1.5 SBL2040PT UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-247AD PREFERRED P/N SBL2030PT-E3/45 UNIT WEIGHT (g) 6.13 PACKAGE CODE 45 BASE QUANTITY 30/tube DELIVERY MODE Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
25 22.5 100 Resistive or Inductive Load
Instantaneous Forward Current (A)
Average Forward Current (A)
20 17.5 15 12.5 10 7.5 5 2.5 0 0 50 100 150
TJ = 125 C 10 Pulse Width = 300 s 1 % Duty Cycle TJ = 25 C 1
0.1
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
Case Temperature (C)
Instantaneous Forward Voltage (V)
Figure 1. Forward Current Derating Curve
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
300
100 TJ = TJ Max. 8.3 ms Single Half Sine-Wave
250
Instantaneous Reverse Current (mA)
Peak Forward Surge Current (A)
10 TJ = 125 C 1 TJ = 75 C 0.1
200
150
100
50
0.01
TJ = 25 C
0 1 10 100
0.001 0 20 40 60 80 100
Number of Cycles at 60 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88728 Revision: 25-Mar-08
SBL2030PT & SBL2040PT
Vishay General Semiconductor
10 000
100
Transient Thermal Impedance (C/W)
100
Junction Capacitance (pF)
TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
10
1000
1
100 0.1 1 10
0.1 0.01
0.1
1
10
100
Reverse Voltage (V)
t - Pulse Duration (s)
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-247AD (TO-3P)
0.245 (6.2) 0.225 (5.7) 0.645 (16.4) 0.625 (15.9) 0.323 (8.2) 0.313 (7.9) 0.203 (5.16) 0.193 (4.90) 30 0.170 (4.3) 0.840 (21.3) 0.820 (20.8) 0.142 (3.6) 0.138 (3.5) 10 TYP. Both Sides 0.078 (1.98) REF. 10
1
2
3 0.086 (2.18) 0.076 (1.93) 0.127 (3.22) 0.118 (3.0) 0.108 (2.7)
1 REF. Both Sides
0.160 (4.1) 0.140 (3.5) 0.795 (20.2) 0.775 (19.6)
0.117 (2.97)
0.225 (5.7) 0.205 (5.2) PIN 1 PIN 3
0.048 (1.22) 0.044 (1.12)
0.030 (0.76) 0.020 (0.51) PIN 2 CASE
Document Number: 88728 Revision: 25-Mar-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SBL2030PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X