Part Number Hot Search : 
M52765FP ALS64 BR251 00A60TG RXB12 POWER FZT855 P6KE350
Product Description
Full Text Search
 

To Download S9014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S9014
TRANSISTOR (NPN)
TO-92
1. EMITTER
FEATURES High total power dissipation.(PC=0.45W) High hFE and good linearity Complementary to S9015
2. BASE
3. COLLECTOR
MAXIMUM RATINGS (TA=25 unless otherwise noted)
Symbol VCBO VCEO VEBO IC PC TJ Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Power Dissipation Junction Temperature Storage Temperature Value 50 45 5 0.1 0.45 150 -55-150 Units V V V A W
123
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) fT Test conditions MIN 50 45 5 0.1 0.1 0.1 60 1000 0.3 1 150 V V MHz TYP MAX UNIT V V V A A A
IC=100A, IE=0 IC= 1mA, IB=0 IE=100A, IC=0 VCB=50V, IE=0 VCE=35V, IB=0 VEB= 5V, IC=0 VCE=5V, IC= 1mA IC=100mA, IB= 5mA IC=100mA, IB= 5mA VCE=5V, IC= 10mA f=30MHz
CLASSIFICATION OF Rank Range
hFE(1) A 60-150 B 200-300 C 250-300 D 300-400
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of S9014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X