Part Number Hot Search : 
EPSA1 WM8950 T3324551 GMA8875C NJU6680 LC74751 PS8601 A7260
Product Description
Full Text Search
 

To Download RSD200N10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RSD200N10
Transistors
4V Drive Nch MOSFET
RSD200N10
Structure Silicon N-channel MOSFET Features 1) Low on-resistance. 2) Fast switching speed. 3) Wide SOA (safe operating area). 4) Gate-source voltage (VGSS) guaranteed to be 30V. 5) Drive circuits can be simple. 6) Parallel use is easy. Applications Switching Dimensions (Unit : mm)
CPT3
(1)Base(Gate) (2)Collector(Drain) (3)Emitter(Source)
Packaging specifications
Package Code Type Basic ordering unit (pieces) Taping TL 2500
Inner circuit
2
RSD200N10
1
1 BODY DIODE 2 ESD PROTECTION DIODE (1)GATE (2)DRAIN (3)SOURCE
Absolute maximum ratings (Ta=25 C)
Parameter Drain-source voltage Gate-source voltage Drain current Source current (Body Diode) Avalanche Current Avalanche Energy Total power dissipation (Tc=25C) Channel temperature Range of storage temperature
1 Pw10s, Duty cycle1% 2 L 265H, VDD=50V, RG=25, Starting, Tch=25C 3 Limited only by maximum tempterature allowed
Symbol VDSS VGSS Continuous Pulsed Continuous Pulsed ID IDP IS ISP IAS EAS PD Tch Tstg
1 2 2 3 1
Limits 100 20 20 80 20 80 20 85 20 150 -55 to +150
Unit V V A A A A A mJ W C C
(1) (2) (3)
Thermal resistance
Parameter Channel to case Symbol Rth(ch-c) Limits 6.25 Unit C/W
Rev.A
1/5
RSD200N10
Transistors
Electrical characteristics (Ta=25 C)
Parameter Gate-source leakage Drain-source breakdown voltage Zero gate voltage drain current Gate threshold voltage Symbol IGSS V(BR)DSS IDSS VGS(th) RDS(on)
Min. - 100 - 1.0 - - -
Typ. - - - - 41 44 45 - 2200 180 110 18 61 128 193 48.5 5.5 13
Max. 10 - 10 2.5 52 58 59 - - - - - - - - - - -
Unit A V A V m m m S pF pF pF ns ns ns ns nC nC nC
Conditions VGS=20V, VDS=0V ID=1mA, VGS=0V VDS=100V, VGS=0V VDS=10V, ID=1mA ID=10A, VGS=10V ID=10A, VGS=4.5V ID=10A, VGS=4.0V ID=10A, VDS=10V VDS=25V VGS=0V f=1MHz ID=10A, VDD 50V VGS=10V RL=5 RG=10 VDD 50V ID=20A VGS=10V RL=2.5 / RG=10
Static drain-source on-state resistance
Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
Pulsed
| Yfs | Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
14 - - -

- - - - - - -
Body diode characteristics (Source-drain) (Ta=25 C)
Parameter Forward voltage
Pulsed
Symbol VSD
Min. -
Typ. -
Max. 1.5
Unit V
Conditions IS= 20A, VGS=0V
Rev.A
2/5
RSD200N10
Transistors
Electrical characteristic curves
15 T a=25C VDD=50V ID=20A Pulsed
Gate Source Voltage : VGS(V)
10
5
0
0
10
20
30
40
50
Total Gate Charge : Qg(nC)
Fig.3 Dynamic Input Characteristics
Rev.A
3/5
RSD200N10
Transistors
Rev.A
4/5
RSD200N10
Transistors
Switching characteristics measurement circuit
Fig.1-1 Switching time measurement circuit
Fig.1-2 Switching waveforms
Fig.2-1 Gate charge measurement circuit
Fig.2-2 Gate charge waveform
Fig.3-1 Avalanche measurement circuit
Fig.3-2 Avalanche waveform
Rev.A
5/5
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2008 ROHM CO.,LTD.
THE AMERICAS / EUROPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21 Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of RSD200N10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X