Part Number Hot Search : 
190MS8E G240C KLQ03 3F945 HT66F GRM188 78L08 MAX5933D
Product Description
Full Text Search
 

To Download RF1001T2D10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast recovery diodes
RF1001T2D
Applications General rectification Dimensions (Unit : mm)
4.50.3 0.1
Structure
1.2 1.3
5.00.2
Features 1) Cathode common type. (TO-220) 2) Ultra Low VF 3) Very fast recovery 4) Low switching loss
10.00.3 0.1
2.80.2 0.1
(1) (2) (3)
8.00.2 12.00.2 15.00.4 0.2 13.5MIN 8.0
Construction Silicon epitaxial planar
0.8 (1) (2) (3) 0.70.1 0.05 2.60.5
ROHM : O220FN Manufacture Date
Absolute maximum ratings (Ta=25C) Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current (*1) Forward current surge peak (60Hz/1cyc) Junction temperature Storage temoerature
Symbol VRM VR Io IFSM
Limits 200 200 10 80 150 -55 to +150
Unit V V A A
Tj Tstg (*1)Business frequencies, Rating of R-load, Tc=126C. 1/2 Io per diode Electrical characteristic (Ta=25C) Parameter Forward voltage Reverse current Reverse recovery time Thermal impedance
C C
Symbol VF IR
Min. -
Typ. 0.87 0.01 15 -
Max. 0.93 10 30 2.5
Unit V A ns C/W IF=5A VR=200V
Conditions
trr j-c
IF=0.5A,IR=1A,Irr=0.25*IR JUNCTION TO CASE
www.rohm.com (c)2010 ROHM Co., Ltd. All rights reserved.
1/3
2010.02 - Rev.D
RF1001T2D
Electrical characteristics curves
Data Sheet
10 Ta=150C 1 Ta=125C 0.1 Ta=75C Ta=-25C Ta=25C
10000
Ta=150C Ta=125C CAPACITANCE BETWEEN TERMINALS:Ct(pF)
1000 f=1MHz
1000 REVERSE CURRENT:IR(nA)
FORWARD CURRENT:IF(A)
Ta=75C 100 Ta=25C 10 Ta=-25C 1
100
0.01
10
0.001 0 100 200 300 400 500 600 700 800 900 100 110 120 000 FORWARD VOLTAGE:VF(mV) VF-IF CHARACTERISTICS 0.1 0 50 100 150 200 REVERSE VOLTAGE:V R(V) VR-IR CHARACTERISTICS 1 0 5 10 15 20 REVERSE VOLTAGE:V R(V) VR-Ct CHARACTERISTICS 25 30
890 Ta=25C IF=5A n=30pcs
100 90 REVERSE CURRENT:IR(nA) 80 70 60 50 40 30 20 AVE:857.4mV 10 0 VF DISPERSION MAP IR DISPERSION MAP AVE:10.7nA Ta=25C VR=200V n=30pcs
200 195 CAPACITANCE BETWEEN TERMINALS:Ct(pF) 190 185 180 175 170 165 160 155 150 Ct DISPERSION MAP AVE:174.9pF Ta=25C f=1MHz VR=0V n=10pcs
FORWARD VOLTAGE:V F(mV)
880
870
860
850
840
300 RESERVE RECOVERY TIME:trr(ns) PEAK SURGE FORWARD CURRENT:IFSM(A) 250 200 150 100 50 AVE:167.0A 0 IFSM DISPERSION MAP
30 25 20 15 10 5 AVE:14.5ns 0 trr DISPERSION MAP Ta=25C IF=0.5A IR=1A Irr=0.25*IR n=10pcs
1000 Ifsm PEAK SURGE FORWARD CURRENT:IFSM(A) 8.3ms 8.3ms
100
1cyc
10
1 1 10 NUMBER OF CYCLES IFSM-CYCLE CHARACTERISTICS 20 100
1000 TRANSIENT THAERMAL IMPEDANCE:Rth (C/W) Ifsm PEAK SURGE FORWARD CURRENT:IFSM(A) 1cyc 8.3ms
100
Mounted on epoxy board
IM=100mA
IF=5A Rth(j-a) 15 FORWARD POWER DISSIPATION:Pf(W) DC D=1/2 10 Sin(=180)
10
1ms
time
300us
100
1
Rth(j-c)
5
10 1 10 TIME:t(ms) IFSM-t CHARACTERISTICS 100
0.1 0.001
0 0.01 1 10 TIME:t(s) Rth-t CHARACTERISTICS 0.1 100 1000 0 5 10 15 20
AVERAGE RECTIFIED FORWARD CURRENT:Io(A) Io-Pf CHARACTERISTICS
www.rohm.com (c)2010 ROHM Co., Ltd. All rights reserved.
2/3
2010.02 - Rev.D
RF1001T2D
Data Sheet
30 25 AVERAGE RECTIFIED FORWARD CURRENT:Io(A) 20 DC 15 10 5 0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE:Ta(C) Derating Curve"(Io-Ta) Sin(=180) D=1/2 T 0A 0V t Io AVERAGE RECTIFIED FORWARD CURRENT:Io(A) VR
D=t/T VR=100V Tj=150C
30 25 20 15 10 Sin(=180) 5 0 0 25 50 75 100 125 150 0A 0V t DC T Io ELECTROSTATIC DISCHARGE TEST ESD(KV) VR
D=t/T VR=100V Tj=150C
30 No break at 30kV 25 20 15 10 5 0 C=200pF R=0 C=100pF R=1.5k No break at 30kV
D=1/2
CASE TEMPARATURE:Tc(C) Derating Curve"(Io-Tc)
ESD DISPERSION MAP
www.rohm.com (c)2010 ROHM Co., Ltd. All rights reserved.
3/3
2010.02 - Rev.D
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuelcontroller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2010 ROHM Co., Ltd. All rights reserved.
R1010A


▲Up To Search▲   

 
Price & Availability of RF1001T2D10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X