Part Number Hot Search : 
FX203 AR0233AT AT83C SMBJ90A N4141 SB121 PI2003 102M0
Product Description
Full Text Search
 

To Download RE46C129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R&E International
A Subsidiary of Microchip Technology Inc.
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification
General Description
The RE46C129 is low power CMOS ionization type smoke detector IC. With few external components this circuit will provide all the required features for an ionization type smoke detector. An internal oscillator strobes power to the smoke detection circuitry for 10.5mS every 1.66 seconds to keep standby current to a minimum. A check for a low battery condition is performed every 40 seconds when in standby. An interconnect pin allows multiple detectors to be connected such that when one units alarms all units will sound. Although this device was designed for smoke detection utilizing an ionization chamber it could be used in a variety of security applications. Utilizing low power CMOS technology the RE46C129 was designed for use in smoke detectors that comply with Underwriters Laboratory Specification UL217 and UL268.
Features
* * * * * * * * * * Guard Outputs for Ion Detector Input +/-0.75pA Detect Input Current Internal Reverse Battery Protection Low Quiescent Current Consumption (<6.5uA) Available in 16L PDIP or 16L N SOIC ESD Protection on all Pins Internal Low Battery Detection Interconnect up to 40 Detectors Compatible with Allegro A5350
Available in Standard Packaging or RoHS Compliant Pb Free Packaging.
Pin Configuration
NC IO LBADJ NC LED VDD RBIAS FEED
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
GUARD2 DETECT GUARD1 VSEN OSCAP HS HB VSS
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply Voltage Input Voltage Range Except FEED, IO FEED Input Voltage Range IO Input Voltage Range Reverse Battery Time Input Current except FEED Operating Temperature Storage Temperature Maximum Junction Temperature SYMBOL VDD Vin Vinfd Vio1 TRB Iin TA TSTG TJ VALUE 15 -.3 to Vdd +.3 -10 to +22 -.3 to 17 5 10 -10 to 60 -55 to 125 150 UNITS V V V V S mA C C C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and operation at these conditions for extended periods may affect device reliability. This product utilizes CMOS technology with static protection; however proper ESD prevention procedures should be used when handling this product. Damage can occur when exposed to extremely high static electrical charge.
(c) 2009 Microchip Technology Inc.
DS22172A-page 1
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
DC Electrical Characteristics at TA = 25C, VDD=9V, OSCAP=.1uF, RBIAS=8.2M, VSS=0V (unless otherwise noted) Test Pin
6 6 6 8 2 8 2 15 15 8 15 15 8 2 5 10,11 10,11 5 2 2 2 6 3 14,15 15,16 13,15 14,15 13,15 14,16
Guard Amplifier Guard Amplifier Smoke Comparator Guard Amplifier, Note 2 Smoke Comparator, Note 2 Guard Amplifier Outputs, Note 2
Parameter
Supply Voltage Supply Current
Symbol
VDD IDD1 IDD2 VIH1 VIH2 VIL1 VIL2 ILDET1 ILDET2 ILFD
Test Conditions
Operating RBIAS=8.2M, OSCAP=.1uF RBIAS=8.2M, OSCAP=.1uF;Vdd=12V
Min
6
Limits Typ Max
12 4 6.5 9
Units
V uA uA V V
Input Voltage High
FEED Input No Local Alarm, IO as an Input FEED Input No Local Alarm, IO as an Input
VDD=9V, DETECT=VSS, 0-40% RH VDD=9V, DETECT=VSS, 85% RH Note 1 FEED=-10V VDD=9V, DETECT=VDD, 0-40% RH VDD=9V, DETECT=VDD, 85% RH Note 1 FEED=22V No Alarm, Vio=17V Outputs Off IOH=-16mA, VDD=7.2V IOL=16mA, VDD=7.2V IOL=10mA, VDD=7.2V No Alarm, Vio=Vdd-2V Alarm, Vio=Vdd-2V or Vio=0V At Conclusion of Local Alarm or Test, Vio=1V TA=-10 to 60C, Note 3
6.3 3 2.7 1 -0.75 -1.50 -50 0.75 1.50 50 150 1 6.3 .9 1 25 -4 5 7.2 -50 -50 -50 2
.5
Input Voltage Low
V V pA pA uA pA pA uA uA uA V V V uA mA mA
Input Leakage Low
Input Leakage High
IHDET1 IHDET2 IHFD IIOL2
Output Off Leakage High Output High Voltage Output Low Voltage
IIOHZ VOH1 VOL1 VOL3 IIOL1 IIOH1 IIODMP
Output Current
100 -16
Low Battery Voltage Internal Sensitivity Set Voltage Offset Voltage
VLB VSET2 VGOS1 VGOS2 VGOS3
7.5 65.5
7.8 50 50 50
VDD-.5 VDD-2
V %VDD mV mV mV V V k
Common Mode Voltage
VCM1 VCM2 ZOUT
Output Impedance
10
Note 1: Sample test only Note 2: Not 100% production tested Note 3: Production test at room with temperature guardbanded limits.
(c) 2009 Microchip Technology Inc.
DS22172A-page 2
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
AC Electrical Characteristics at TA = 25C, VDD=9V, OSCAP=.1uF, RBIAS=8.2M, VSS=0V (unless otherwise noted) Test Pin
12 12 5 5 5 5 10,11 10,11 10,11 10,11 2 2
2 2
Parameter
Oscillator Period
Symbol
TPER1 TPER2 TPW TLON TLOF1 TLOF2 THON1 THON2 THOF1 THOF3 TIODMP TIODLY1 TIOFILT TIODLY2
Test Conditions
No Alarm Condition Alarm Condition Operating Operating Standby, No Alarm Alarm Condition Operating, Alarm Condition Low Battery, No Alarm Operating, Alarm Condition Low Battery, No Alarm At Conclusion of Local Alarm or Test From Start of Local Alarm to IO Active IO pulse width guaranteed to be filtered. IO as Input, No Local Alarm No Local Alarm, IO as input, From IO active to Horn Active
Min
1.34 37.5 9.4 9.4 32 .8 141 9.4 71 32 1.34
Limits Typ Max
1.67 41.5 10.5 10.5 40 1 166 10.5 83 40 1.67 3 450 2 45.8 12.9 12.9 48 1.2 190 12.9 95 48 2.0
Units
S mS mS mS S S mS mS mS S S S mS S
Oscillator Pulse Width LED On Time LED Off Time
Horn On Time
Horn Off Time
IO Charge Dump Duration IO Delay IO Filter Remote Alarm Delay
.450
2.2
(c) 2009 Microchip Technology Inc.
DS22172A-page 3
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
Functional Block Diagram
(c) 2009 Microchip Technology Inc.
DS22172A-page 4
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
DEVICE DESCRIPTION and APPLICATION NOTES
Internal Timing - With external components as indicated on the application drawing the period of the oscillator is nominally 1.67 seconds in standby. Every 1.66 seconds the detection circuitry is powered up for 10.5mS and the status of the smoke comparator is latched. In addition every 40 seconds the LED driver is turned on for 10.5mS and the status of the low battery comparator is latched. The smoke comparator status is not checked during the low battery test, during the low battery horn warning chirp, or when the horn is on due to an alarm condition. If an alarm condition is detected the oscillator period increases to 41.5mS. In any alarm condition the horn is on for 166mS and off for 83mS (typical). Due to the low currents used in the oscillator the capacitor on pin 12 should be a low leakage type. Oscillator accuracy will depend mainly on the tolerance of the RBIAS resistor and OSCAP capacitor. Smoke Detection Circuit - The smoke comparator compares the ionization chamber voltage to a voltage derived from a resistor divider across VDD. This divider voltage must be provided externally on pin 13 (VSEN). See the application drawing (FIG 2). The guard amplifier and outputs are always active and will be within 50mV of the DETECT input to reduce surface leakage. The guard outputs also allow for measurement of the DETECT input without loading the ionization chamber. Low Battery Detection - An internal reference is compared to the voltage divided VDD supply. The battery can be checked under load via the LED low side driver output since low battery status is latched at the end of the 10.5mS LED pulse. Pin 3 (LBADJ) can be used to modify the low battery set point by placing a resistor to VDD or VSS. The transmission switch on LBADJ is turned on during the LED pulse so an external resistance can be added on pin 3 to modify the set point if desired. LED Pulse - The LED is pulsed on for 10.5mS every 40S in standby. In alarm the LED is pulsed on for 10.5mS every 1S. Interconnect - Pin 2 (IO) provides the capability to common many detectors in a single system. If a single unit goes into alarm the IO pin is driven high. This high signal causes the interconnected units to alarm. The LED flashes every 1S for 10.5mS on the signaling unit and is inhibited on the units that are in alarm due to the active IO signal. An internal sink device on the IO pin helps to discharge the interconnect line. This charge dump device is active for 1 clock cycle after the unit exits a local alarm condition (1.67S). The interconnect input has a 500mS nominal digital filter which will filter out pulsed signals on the IO pin. This allows for interconnection to other types of alarms (carbon monoxide for example) that may have a pulsed interconnect signal. This filter will eliminate unwanted random horn activations caused by a pulsed (<500ms nominal) IO input signal. Testing - By holding pin 12 (OSCAP) low the internal power strobe is active. Functional testing can be accelerated by driving pin 12 with a 4 kHz square wave however the 10.5mS strobe period must be maintained for proper operation of the analog circuitry. Please refer to the timing diagrams. All internal timing is reset after a power up. By holding pins 8 and 12 low, reducing VDD and monitoring Pin 10 the low battery trip level can be measured at power up.
(c) 2009 Microchip Technology Inc.
DS22172A-page 5
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
Typical Application
Figure 2
Notes: 1) C2 should be located as close as possible to the device power pins.
2) Select R8 and R9 to set the smoke chamber sensitivity. 3) Low battery trip can be modified by external resistance on pin 3, see device description.
(c) 2009 Microchip Technology Inc.
DS22172A-page 6
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification R&E International
A Subsidiary of Microchip Technology Inc.
Timing Diagram
Pin 15 < Pin 13 Pin 15 > Pin 13 Pin 15 < Pin 13
TPER1
TPW
Internal Clock
24 Clock Cycles (40 S) 24 Clock Cycles (1S)
Ouput High Z LED
Sample Smoke
THON1 THOF1 Low Battery Warning Chirp
Horn
TIODLY1
IO (Pin 2) as Output IO Charge Dump
TIOFILT
Timing not same scale as above
IO ( Pin 2) as Input
TIODLY2
LED supressed in remote alarm mode
Horn
Start of horn pattern is not synchronized to an external alarm
Horn pattern not self completing for external alarm
Internal Clock Notes: 1. Smoke is not sampled when the horn is active. Horn cycle is self completing in local alarm. 2. Low battery warning chirp is suppressed in local or remote alarm. 3. IO Dump active only in local alarm, inactive if external alarm.
(c) 2009 Microchip Technology Inc.
DS22172A-page 7
RE46C129
CMOS Ionization Smoke Detector ASIC with Interconnect Product Specification
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, rfPIC, SmartShunt and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Hampshire, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, In-Circuit Serial Programming, ICSP, ICEPIC, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, nanoWatt XLP, PICkit, PICDEM, 32 logo, PowerCal, PowerInfo, PICDEM.net, PICtail, PIC PowerMate, PowerTool, REAL ICE, rfLAB, Select Mode, Total Endurance, TSHARC, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2009, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
R&E International
A Subsidiary of Microchip Technology Inc.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2009 Microchip Technology Inc.
DS22172A-page 8


▲Up To Search▲   

 
Price & Availability of RE46C129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X