Part Number Hot Search : 
2903002 2412D W1154YD ADV7189B ADUM1447 F7304 LTC4255 SFH48
Product Description
Full Text Search
 

To Download PCI-1610A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1610 Series
Features
Speeds up to 921.6 kbps 4-port RS-232
4-port RS-232 PCI Communication Cards
PCI bus 2.1 (PCI-1610A/1610B), 2.2 (PCI-1610CU) compliant
16PCI954 UARTs with 128-byte FIFOs standard I/O address automatically assigned by PCI Plug & Play OS supported: Windows(R) 98/ME/2000/XP/XP Embedded/Vista, Windows CE 5.0/6.0, Linux Interrupt status register for increased performance Powerful and easy to use utility (ICOM Tools) Universal PCI (supports 3.3 V or 5 V PCI bus signal) (PCI-1610CU only) 2,500 VDC EFT Protection (PCI-1610B/1610CU) 2,500 VDC Isolation Protection (PCI-1610CU only)
PCI-1610A/B
PCI-1610CU
RoHS
2002/95/EC
COMPLIANT
Introduction
PCI-1610 is a 4-port RS-232 PCI communication card that is compatible with the PCI 2.1 bus specification. (PCI-1610CU is also compliant with 2.2) and offer transmission speeds up to 921.6 kbps. PCI-1610 also comes with high-performance 16PCI954 UART with a 128-byte FIFO to reduce CPU load. These components make your system more stable and reliable. Thus, the PCI-1610 is especially suitable for multitasking environments. PCI-1610CU has an universal PCI connector that is compatible with both the latest 3.3 V signaling systems and the traditional 5V signaling system. This gives high compatibility and allows usage in diverse systems. To further increase reliability, the PCI-1610B and PCI-1610CU offers EFT protection technology, protecting your system from abrupt high voltages up to 2,500 VDC. PCI-1610CU also provides 2,500 VDC isolation to protect your PC and equipment against damages from ground loops in harsh environments.
Specifications
General
Bus Type Certifications Connectors Dimensions (L x W) Power Consumption PCI V 2.1 (PCI-1610A/1610B) Universal PCI V 2.2 (PCI-1610CU) CE, FCC class A 1 x DB37-F 123 x 92 mm (4.8" x 3.6") (for 1610A and PCI-1610B) 185 x 100 mm (7.3" x 3.9") (for PCI-1610CU) Typical Max +12 V: 60 mA +12 V: 80 mA +5 V: 150 mA +5 V: 180 mA
Software
Bundled Software OS Support ICOM Tools Windows 98/ME/2000/XP/XP Embedded, Windows CE 5.0/6.0, Linux
Environment
Humidity (Operating) 5 ~ 95% RH, non-condensing (refer to IEC 68-2-3) Operating Temperature 0 ~ 65 C (refer to IEC 68-2-1, 2), (32 ~ 149 F) Storage Temperature -25 ~ 85 C (-13 ~ 185 F)
Communications
Communication Controller Data Bits Data Signals FIFO Flow Control IRQ Parity Stop Bits Speed 16PCI954 5, 6, 7, 8 RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND, RI 128 bytes RTS/CTS, Xon/Xoff Assigned by Plug & Play None, even, odd 1, 1.5, 2 50 bps ~ 921.6 kbps
Ordering Information
PCI-1610A 4-port RS-232 PCI Comm Card (4 DB25) PCI-1610A/9 4-port RS-232 PCI (4 DB9) PCI-1610B 4-port RS-232 PCI Comm Card w/EFT, 4 x DB25 PCI-1610B/9 4-port RS-232 PCI Comm Card w/EFT, 4 x DB9 PCI-1610CU 4-port RS-232 Uni PCI Comm Card, Iso/EFT, 4 x DB25 PCI-1610CU/9 4-port RS-232 Uni PCI Comm Card, Iso/EFT, 4 x DB9 Note: 30 cm DB37 to 4 x DB25 or 4 x DB9 cable included
Protection
ESD Protection Isolation Protection EFT Protection 16 kV 2,500 VDC (PCI-1610CU only) 2,500 VDC (PCI-1610B/1610CU only)
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCI-1610A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X