Part Number Hot Search : 
2SC3756 4044B AKD4682 15E07SLP 20N03 CTZ3X ZPY4V3 215005
Product Description
Full Text Search
 

To Download OSY5RU82E1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8mm Flat Yellow LED OSY5RU82E1A
Features
Outline
Dimension
High Luminous LEDs 8mm Flat Standard Directivity Superior Weather-resistance
8.65 2.0
0.50.05

8.0
UV Resistant Epoxy Water Clear Type
Applications
Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting
26.0MIN
1.5MIN
1.5MAX
9.2

1.Anode 2.Cathode Unit:mm Tolerance:0.30mm
2.54
1
2
Absolute
Maximum Rating
Item Symbol
IF IFP VR PD Topr Tstg Tsol
(Ta=25)
Value
30 100 5 78 -30 ~ +85 -40~ +100 260/5sec
Directivity
Unit
mA mA V mW -
0 30 60 30 60
DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical
90 1
0.5
0
0.5
1
90
Duty ratio max 1/10
-Optical Characteristics
Symbol
VF IR D Iv 21/2
(Ta=25)
Min.
1.8 585 500 -
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
2.1 590 700 140
Max.
2.6 10 595 -
Unit
V A nm mcd deg
*1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15%
LED & Application Technologies
http://www.optosupply.com
VER A.0


▲Up To Search▲   

 
Price & Availability of OSY5RU82E1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X