Part Number Hot Search : 
1C102 LBN14055 DR2AR RF5112 EL2142CN EL2142CN C9225 38NB50
Product Description
Full Text Search
 

To Download MMBTA4208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMBTA42
Features
* * * Surface Mount SOT-23 Package Capable of 300mWatts of Power Dissipation Continuous Collector Current : 300mA Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
NPN Silicon High Voltage Transistor
SOT-23
A D
Marking:1D
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=1.0mAdc, IB=0) Collector-Base Breakdown Voltage (I C=100Adc, IE=0) Emitter-Base Breakdown Voltage (I E=100Adc, IC=0) Collector Cutoff Current (VCB=200Vdc, IE=0) Emitter Cutoff Current (VEB=6.0Vdc, IC=0) DC Current Gain* (I C=1.0mAdc, VCE=10Vdc) (I C=10mAdc, VCE=10Vdc) (I C=30mAdc, VCE=10Vdc) VCE(sat) Collector-Emitter Saturation Voltage (I C=20mAdc, IB=2.0mAdc) Base-Emitter Saturation Voltage (I C=20mAdc, IB=2.0mAdc) 25 40 40 Min 300 300 6.0 0.1 0.1 Max Units Vdc Vdc Vdc uAdc uAdc
G F E
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO
C
C B
B
E
H
J
ON CHARACTERISTICS
hFE
K DIMENSIONS
----
0.5
Vdc
VBE(sat)
0.9
Vdc
DIM A B C D E F G H J K
INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
SMALL-SIGNAL CHARACTERISTICS
fT Ccb Current Gain-Bandwidth Product (I C=10mAdc, VCE=20Vdc, f=100MHz) Collector-Emitter Capacitance (VCB=20Vdec, IE=0, f=1.0MHz) 50 3.0 MHz pF
Suggested Solder Pad Layout
.031 .800 .035 .900 .079 2.000 inches mm
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board,(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature
*Pulse Width 300s, Duty Cycle 2.0%
Symbol PD
Max 225 1.8
Unit mW mW/C C/W mW mW/C C/W C
RqJA PD
556 300 2.4
.037 .950 .037 .950
RqJA TJ, Tstg
417 -55 to +150
www.mccsemi.com
1 of 3
Revision: 5
2008/01/01
MMBTA42
120 100 hFE , DC CURRENT GAIN 80 60 40 20 0 25C TJ = +125C
MCC
Micro Commercial Components
VCE = 10 Vdc
TM
-55C
0.1
1.0 IC, COLLECTOR CURRENT (mA)
10
100
Figure 1. DC Current Gain
Ceb @ 1MHz C, CAPACITANCE (pF) 10
BANDWIDTH (MHz) f T, CURRENT-GAIN
100
80 70 60 50 40 30 20 10 1.0 2.0 3.0 5.0 7.0 10 20 30 IC, COLLECTOR CURRENT (mA) TJ = 25C VCE = 20 V f = 20 MHz 50 70 100
1.0
Ccb @ 1MHz
0.1 0.1
1.0 10 100 VR, REVERSE VOLTAGE (VOLTS)
1000
Figure 2. Capacitance
Figure 3. Current-Gain - Bandwidth
1.4 1.2 V, VOLTAGE (VOLTS) 1.0 0.8 0.6 0.4 0.2 0.0 0.1 1.0 10 IC, COLLECTOR CURRENT (mA) 100 VCE(sat) @ 25C, IC/IB = 10 VCE(sat) @ 125C, IC/IB = 10 VCE(sat) @ -55C, IC/IB = 10 VBE(sat) @ 25C, IC/IB = 10 VBE(sat) @ 125C, IC/IB = 10 VBE(sat) @ -55C, IC/IB = 10 VBE(on) @ 25C, VCE = 10 V VBE(on) @ 125C, VCE = 10 V VBE(on) @ -55C, VCE = 10 V
Figure 4. "ON" Voltages
www.mccsemi.com
Revision: 5
2 of 3
2008/01/01
MCC
Device
TM
Micro Commercial Components
Ordering Information
Packing Tape&Reel;3Kpcs/Reel (Part Number)-TP
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 5
3 of 3
2008/01/01


▲Up To Search▲   

 
Price & Availability of MMBTA4208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X