Part Number Hot Search : 
RCM2122R 1N5934B RF3609D AT24C01 17400 AT24C01 58N10 UMA1018M
Product Description
Full Text Search
 

To Download MMBT2907A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MMBT2907A
Features
* * * Surface Mount SOT-23 Package Capable of 350mWatts of Pd, 600mA continuous collector current. Operating and Storage Junction Temperatures: -55 to 150 Case Material:Molded Plastic. UL Flammability C Classificatio Rating 94-0 and MSL Rating 1 Pin Configuration Marking : 2F Top View
B E
A D
PNP General Purpose Amplifier
SOT-23
Electrical Characteristics @ 25C Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage* (I C=10mAdc, IB=0) Collector-Base Breakdown Voltage (I C=10Adc, IE=0) Emitter-Base Breakdown Voltage (I E=10Adc, IC=0) Base Cutoff Current (VCE=30Vdc, VBE=0.5Vdc) Collector Cutoff Current (VCE=30Vdc, VBE=0.5Vdc) Collector Cutoff Current (VCB=50Vdc, IE=0) (VCB=50Vdc, IE=0, TA=150C) DC Current Gain* (I C=0.1mAdc, VCE=10Vdc) (I C=1.0mAdc, VCE=10Vdc) (I C=10mAdc, VCE=10Vdc) (I C=150mAdc, VCE=10Vdc) (I C=500mAdc, VCE=10Vdc) Collector-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (I C=150mAdc, IB=15mAdc) (I C=500mAdc, IB=50mAdc) Current Gain-Bandwidth Product (I C=50mAdc, VCE=20Vdc, f=100MHz) Output Capacitance (VCB=10Vdc, IE=0, f=1.0MHz) Input Capacitance (VEB=2.0Vdc, IC=0, f=1.0MHz) Delay Time (VCC=3.0Vdc, IC=150mAdc, Rise Time IB1=15mAdc) Storage Time (VCC=3.0Vdc, IC=150mAdc Fall Time IB1=IB2=15mAdc) 300s, Duty Cycle 2.0% Min 60 60 5.0 50 50 Max Units Vdc
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO IBL ICEX ICBO
C B
Vdc Vdc nAdc nAdc Adc
G H J F E
0.1 10.0
K
DIMENSIONS INCHES MIN .110 .083 .047 .035 .070 .018 .0005 .035 .003 .015 MM MIN 2.80 2.10 1.20 .89 1.78 .45 .013 .89 .085 .37
ON CHARACTERISTICS
hFE 75 100 100 100 50
DIM A B C D E F G H J K
300
VCE(sat)
0.4 1.6 1.3 2.6
Vdc
MAX .120 .098 .055 .041 .081 .024 .0039 .044 .007 .020
MAX 3.04 2.64 1.40 1.03 2.05 .60 .100 1.12 .180 .51
NOTE
VBE(sat)
Vdc
Suggested Solder Pad Layout
.031 .800
SMALL-SIGNAL CHARACTERISTICS
fT Ccbo Cibo 200 8.0 30.0 10 40 80 30 MHz pF pF ns ns ns ns
.035 .900
.079 2.000
inches mm
SWITCHING CHARACTERISTICS
td tr ts tf *Pulse Width
.037 .950 .037 .950
www.mccsemi.com
Revision: 7
1 of 4
2010/03/25
MMBT2907A
DC Current Gain vs Collector Current 300 250 200 hFE 150 100 50 VBE(ON) - (V) 0.6 0.4 T = 100C A 0.2 0 0.1 VCE = 10V 1.2 1.0 0.8
MCC
Micro Commercial Components
Base-Emitter ON Voltage vs Collector Current VCE = 5.0V
TM
TA = 25C
0.1
1 IC (mA)
10
100
1.0 IC - (mA)
10
100
Pulsed Base Saturation Volatge vs Collector Current -1.5 -1.3 -1.1 VBE(SAT) - (V) -0.9 VCE(SAT) - (V) -.1 IC/IB = 10 -.5
Pulsed Collector Saturation Voltage vs Collector Current IC/IB = 10
-0.7 -.05 -0.5 0 -1.0 -.02 -1.0
-10
-100 IC - (mA)
-1000
-10 IC - (mA)
-100
-1000
Collector Reverse Current vs Reverse Bias Voltage 100 0 TA = 25C 100 ICES - (A) 10 pF
Input and Output Capacitances vs Reverse Bias Voltage 20 TA = 25C 16 CIBO
12
8 4 1.0 0 -10 -20 -30 VCE - (V) -40 -50 -60 0 -0.1
COBO
-1.0 Volts - (V)
-10
www.mccsemi.com
Revision: 7
2 of 4
2010/03/25
MMBT2907A
MCC
Micro Commercial Components
Turn On and Turn Off Times vs Collector Current 1000
TM
Maximum Power Dissipation vs Ambient Temperature 800
600 PD(MAX) - (mW) 400
TO-92 T - (ns)
toff 100
ton 10 200 SOT-23 0 0 1.0 10 IB1 = IB2 = IC/10 VCC(OFF) = 15V 100 IC - (mA) Switching Times vs Collector Current 1000 IB1 = IB2 = IC/10 100 VCE - (V) -4 -1.0 -.8 -.4 0 -0.1 1.0 -1.0 -10 IC - (mA) *25MHz increments from 50 to 200MHz -100 td 10 100 IC - (mA) 1000 T - (ns) ts tf tr 1000
50
100 TA - (C)
150
200
Contours of Constant Gain Bandwidth Product (fT)
-10 -8
10
www.mccsemi.com
Revision: 7
3 of 4
2010/03/25
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the expresse written approval of Micro Commercial Components Corporation.
www.mccsemi.com
Revision: 7
4 of 4
2010/03/25


▲Up To Search▲   

 
Price & Availability of MMBT2907A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X