Part Number Hot Search : 
3M500 BR251 NCP5211A F1010 128K8 SDD60N16 74HCT3 UN603
Product Description
Full Text Search
 

To Download MMB1901R480 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0365120196 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4m (16") Selective Gold (Au), 48 Circuits, PC Tail Length 2.900mm (.114"),Lead Free
Documents: Drawing (PDF) Product Specification PS-36511-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 36512 Backplane PCB Header din_41612 IEC 603-2/DIN 41612 R/2
image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 48 48 1,2,3,...16; a+b+c Gray Contact Molex No No None Brass Gold Tin Polyester 16 Open Pin Field 2 Vertical 0.114 In 2.90 mm No Yes 0.062 In, 0.125 In 1.60 mm, 3.20 mm Bag 0.100 In 2.54 mm 0.100 In 2.54 mm 16 0.40 No No No -55C to +125C Through Hole
Search Parts in this Series 36512Series Mates With 36510 PCB Receptacle
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum
1A 622.0 Mbps N/A
Material Info
Old Part Number MMB1901R480
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-36512-001 PS-36511-001 SD-36512-011
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of MMB1901R480

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X