Part Number Hot Search : 
MTEZ320A BU705F TC1920 1006C BAW567DW SD103CW CT0201F SP507CB
Product Description
Full Text Search
 

To Download MJ2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-3 package *DARLINGTON *High DC current gain *Complement to type MJ3000/3001 APPLICATIONS *For use as output devices in complementary general purpose amplifier applications PINNING(see Fig.2)
PIN 1 2 3 Base Emitter DESCRIPTION
MJ2500/2501
Fig.1 simplified outline (TO-3) and symbol Collector
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL PARAMETER MJ2500 VCBO Collector-base voltage MJ2501 MJ2500 VCEO Collector-emitter voltage MJ2501 VEBO IC IB PD Tj Tstg Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -80 -5 -10 -0.2 150 200 -55~200 V A A W Open emitter -80 -60 V CONDITIONS VALUE -60 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER MJ2500 IC=-0.1A ;IB=0 MJ2501 IC=-5A; IB=-20mA IC=-10A; IB=-50mA IC=-5A ; VCE=-3V MJ2500 ICER Collector cut-off current MJ2501 MJ2500 ICEO Collector cut-off current MJ2501 IEBO hFE Emitter cut-off current DC current gain VCE=-40V; IB=0 VEB=-5V; IC=0 IC=-5A ; VCE=-3V VCE=-60V; RBE=1.0k? TC=150 VCE=-80V; RBE=1.0k? TC=150 VCE=-30V; IB=0 CONDITIONS
MJ2500/2501
SYMBOL
MIN -60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -80 -2.0 -4.0 -3.0 1.0 5.0 1.0 5.0 V V V
VCE(sat)-1 VCE(sat)-2 VBE
Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage
mA
-1.0
mA
-2.0 1000
mA
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.17 UNIT /W
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJ2500/2501
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X