Part Number Hot Search : 
21A155M NCP4543 IE2412S CM338 VAL1Z TIC225 2SD17 ML120G10
Product Description
Full Text Search
 

To Download MC34063A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC34063A / MCC33063A-- SMPS Controller
June 2008
MC34063A / MC33063A SMPS Controller
Features
Operation from 3.0 to 40V Input Short Circuit Current Limiting Low Standby Current Output Switch Current of 1.5A Without External Transistors Adjustable Output Voltage Frequency of Operation from 100Hz to 100KHz Step-up, Step Down, or Inverting Switching Regulators
Description
The MC34063A/MC33063A is a monolithic regulator subsystem intended for a DC to DC converter. The device contains a temperature-compensated bandgap reference, a duty cycle control oscillator, driver, and high-current output switch. It can be used for stepdown, step-up, or inverting switching and series pass regulators.
8-DIP
8-SOP
Ordering Information
Part Number
MC34063AP MC34063AD MC33063AP MC33063AD
Operating Temperature Range
0 ~ +70C 0 ~ +70C -40 ~ +85C -40 ~ +85C
Eco Status
RoHS RoHS RoHS RoHS
Package
8-DIP 8-SOP 8-DIP 8-SOP
For Fairchild's definition of "green" Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com
MC34063A / MC33063A -- SMPS Controller
Block Diagram
DRIVE SWITCH COLLECTOR COLLECTOR
8
1.25V REF VTG COMP S Q Q2
1
5
COMPARATOR INVERTING INPUT
Q1
4
GND
I P K SENSE
TIMIN G C APA CITOR
7
OSCILLATOR R
RD
3 2
Figure 1. Block Diagram
* V CC (6)
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 2
MC34063A / MC33063A -- SMPS Controller
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VI(COMP) VC(SW) VE(SW) VCE(SW) VC(DR) ISW TSTG PD
Parameter
Supply Voltage Comparator Input Voltage Range Switch Collector Voltage Switch Emitter Voltage Switch Collector to Emitter Voltage Driver Collector Voltage Switch Current Storage Temperature Range Power Dissipation SOP DIP
Min.
-0.3
Max.
40 +40 40 40 40 40 1.5
Unit
V V V V V V A C W
-65
+150 0.8 1
Electrical Characteristics
VCC = 5.0V, TA = 0C to +70C for MC34063, TA = -40C to +85C for MC33063, unless otherwise specified.
Symbol Oscillator
ICHG IDISCHG V(OSC) K VSENSE(CL)
Parameter
Conditions
Min.
Typ.
Max.
Units
Charging Current Discharging Current Oscillator Amplitude Discharge-to-Charge Current Ratio Current Limit Sense Voltage
(1) (1)
VCC=5 to 40V, TA=25C VCC=5 to 40V, TA=25C TA=25C V7=VCC, TA=25C ICHG=IDISCHG, TA=25C
22 140 5.2 250
31 190 0.5 6.1 300
42 260 7.5 350
A A V mV
Output Switch
VCE(SAT)1 VCE(SAT)2 GI(DC) IC(OFF) Saturation Voltage 1 Saturation Voltage 2 DC Current Gain
(1) (1)
ISW =1.0A, VC(driver)=VC(SW) ISW =1.0A, VC(driver)=50mA ISW =1.0A, VCE=5.0V, TA=25C VCE=40V, TA=25C 50
0.95 0.45 180 0.01
1.30 0.70
V V
Collector Off-State Current
100.00
A
Comparator
VTH VTH IBIAS Threshold Voltage Threshold Voltage Line Regulation Input Bias Current VCC=3 to 40V VI=0V 1.21 1.24 2 50 1.29 5 400 V mV nA
Total Device
ICC Supply Current MC34063 MC33063 VCC=5 to 40V, CT=0.001F, V7=VCC, V5>VTH, pin 2=GND 4 5 mA
Note: 1. Output switch tests are performed under pulsed conditions to minimize power dissipation.
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 3
MC34063A / MC33063A -- SMPS Controller
Typical Performance Characteristics
Figure 2. Temperature Drift (VTH)
Figure 3. Temperature Drift (IOC)
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 4
MC34063A / MC33063A -- SMPS Controller
Physical Dimensions
A
.400 10.15 .373 9.46 .036 [0.9 TYP]
[]
(.092) [O2.337] PIN #1 .250.005 [6.350.13] PIN #1 (.032) [R0.813]
B TOP VIEW OPTION 1 .070 1.78 .045 1.14] 7 TYP TOP VIEW OPTION 2
[
.310.010 [7.870.25]
.130.005 [3.30.13] .210 MAX [5.33] 7 TYP
C .021 0.53 .015 0.37] .001[.025] C
[
.015 MIN [0.38] .140 3.55 .125 3.17]
[
.300 [7.62] .430 MAX [10.92] .060 MAX [1.52] .010+.005 0.254+0.127 -.000 -0.000
.100 [2.54]
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MS-001, VARIATIONS BA B. CONTROLING DIMENSIONS ARE IN INCHES REFERENCE DIMENSIONS ARE IN MILLIMETERS C. DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .010 INCHES OR 0.25MM. D. DOES NOT INCLUDE DAMBAR PROTRUSIONS. DAMBAR PROTRUSIONS SHALL NOT EXCEED .010 INCHES OR 0.25MM. E. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
[
]
N08EREVG
Figure 4. 8-Lead PDIP, JEDEC MS-001
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 5
MC34063A / MC33063A -- SMPS Controller
Physical Dimensions
5.00 4.80 3.81
8 5
A
0.65
B
6.20 5.80
4.00 3.80
1.75 5.60
PIN ONE INDICATOR
1
4
1.27
0.25
M
(0.33)
CBA
1.27
LAND PATTERN RECOMMENDATION
0.25 0.10 1.75 MAX
C 0.10 0.51 0.33 0.50 x 45 0.25 C
SEE DETAIL A
0.25 0.19
OPTION A - BEVEL EDGE
R0.10 R0.10
GAGE PLANE
0.36
OPTION B - NO BEVEL EDGE
NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-012, VARIATION AA, ISSUE C, B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. D) LANDPATTERN STANDARD: SOIC127P600X175-8M. E) DRAWING FILENAME: M08AREV13
8 0 0.90 0.406
SEATING PLANE
(1.04)
DETAIL A
SCALE: 2:1
Figure 5. 8-Lead, SOIC, JEDEC MS-012, .150 inch Narrow Body
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/.
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 6
MC34063A / MC33063A -- SMPS Controller
(c) 2001 Fairchild Semiconductor Corporation MC34063A/MC33063A * Rev. 1.0.3
www.fairchildsemi.com 7


▲Up To Search▲   

 
Price & Availability of MC34063A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X