Part Number Hot Search : 
53253 Q6270 D1830 BAT54S 30U3945 T3906 09500 NLSF3
Product Description
Full Text Search
 

To Download MBR1630CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
Features
* * * *
MBR1620CT THRU MBR1660CT
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +175C Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V
TO-220AB
B C K
PIN 1 2 3
Catalog Number MBR1620CT MBR1630CT MBR1635CT MBR1640CT MBR1645CT MBR1660CT
L M D A E
MBR1620CT MBR1630CT MBR1635CT MBR1640CT MBR1645CT MBR1660CT
F G I J N
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element 1620CT-1645CT
1660CT 1620CT-1645CT 1660CT
HH PIN 1 PIN 3 PIN 2 CASE
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
IF(AV)
16A
TC = 100C 8.3ms, half sine
A B C D E F G H I J K L M N
IFSM
125A
VF
.70V .80V .57V .70V
IFM = 8A TJ = 25C TJ = 125C
Maximum DC Reverse Current At Rated DC Blocking Voltage
Typical Junction Capacitance
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
IR
0.1mA TJ = 25C 50mA T J = 100C
1620CT-1645CT 1660CT
CJ
300pF 400pF
Measured at 1.0MHz, VR=4.0V
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www cnelectr.com .
MBR1620CT thru MBR1660CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .3 .4 .5 .6 .7 .8 .9 10 MBR1660CT 6 4 2 MBR1620CT-1645CT 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 50 75 100 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 125 150 175 TJ=25C Figure 2 Typical Reverse Characteristics
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 16 14 12 10 Amps 8
Figure 4 Peak Forward Surge Current 150 125 100 75 50 25
Amps
5
Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 C 100 125 150
0
1
2
4
6
8 10 Cycles
20
40
60 80 100
0
0
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR1630CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X