Part Number Hot Search : 
KO106A MX23L HD74HC00 74HC19 10DC48 STU12 BCM89071 021E7
Product Description
Full Text Search
 

To Download MBR1060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR1030CT-MBR1060CT
Schottky Barrier Recitifier
PRODUCT SUMMARY
TO-220
TO-220 Plastic-Encapsulate Transistors
FEATURES
Scottky Barrier Chip Guard Ring Die Construction for Transient Protection Low Power Loss, High Efficiency Very low forward voltage drop High Surge Capability High Current Capability and Low Forward Voltage Drop For use in low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications
1. ANODE 2. CATHODE 3. ANODE
123
1
Pb-free; RoHS-compliant
ELECTRICAL CHARACTERISTICS
( Tamb = 25oC unless otherwise specified )
Characteristic Symbol
2 3
MBR MBR MBR MBR MBR MBR 1030CT 1035CT 1040CT 1045CT 1050CT 1060CT
Unit
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage PMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC=105 Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load @ t 2.0s Forward Voltage Drop @ IF=5.0A, TC=125 @ IF=5.0A, TC= 25 @ IF=10A, TC= 25 Peak Reverse Current at Rated DC Blocking Voltage @ TC= 25 @ TC=125 (JEDEC Method) Repetitive Peak Reverse Surge Current
VRRM VRWM VR VR(RMS) IO 21 24.5 28 10 31.5 35 42 V A 30 35 40 45 50 60 V
IFSM
125
A
IRRM 0.57 VFM 0.70 0.84 IRM Cj Tj, TSTG
1.0 0.70 0.80 0.95 0.1 15 150 -65 to +150
A
V
mA pF
Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range
Notes: 1. Thermal resistance junction to case mounted heat sink. 2. Measured at 1.OMHz and applied reverse voltage of 4.0V DC.
01/29/2007 Rev.1.00
www.SiliconStandard.com
1
MBR1030CT-MBR1060CT
Schottky Barrier Recitifier
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
01/29/2007 Rev.1.00
www.SiliconStandard.com
2


▲Up To Search▲   

 
Price & Availability of MBR1060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X