Part Number Hot Search : 
SA0705 C1300 2N6294 GA3220 BR100 12F5081 DLP11 SM120
Product Description
Full Text Search
 

To Download MAX19527EXE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-5309; Rev 0; 6/10
TION KIT EVALUA BLE ILA AVA
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
General Description Features
S Ultra-Low-Power Operation 55mW per Channel at 50Msps S Single 1.8V Power Supply S Excellent Dynamic Performance 69dBFS SNR at 5.3MHz 140dBc/Hz Near-Carrier SNR at 1kHz Offset from a 5.3MHz Tone 84dBc SFDR at 5.3MHz 90dB Channel Isolation at 5.3MHz S User-Programmable Adjustment and Feature Selection through an SPI Interface S Serial LVDS Outputs with Programmable Current Drive and Internal Termination S Programmable Power Management S Internal or External Reference Operation S Single-Ended or Differential Clock Input S Programmable Output Data Format S Built-In Output Data Test Patterns S Small, 10mm x 10mm, 144-Lead CTBGA Package S Evaluation Kit Available (Order MAX19527EVKIT+)
MAX19527
The MAX19527 is an octal, 12-bit analog-to-digital converter (ADC), optimized for the low-power and high-dynamic performance requirements of medical imaging instrumentation and digital communications applications. The device operates from a single 1.8V supply and consumes 440mW (55mW per channel), while providing a 69dBFS signal-to-noise ratio (SNR) at a 5.3MHz input frequency. In addition to low operating power, the device features programmable power management for idle states and reduced-channel operation. An internal 1.25V precision bandgap reference sets the full-scale range of the ADC to 1.5VP-P. A flexible reference structure allows the use of an external reference for applications requiring greater gain accuracy or a different input voltage range. A programmable commonmode voltage reference output is provided to enable DC-coupled input applications. Various adjustments and feature selections are available through programmable registers that are accessed through the 3-wire serial peripheral interface (SPIK). A flexible clock input circuit allows for a single-ended, logic-level clock or a differential clock signal. An on-chip PLL generates the multiplied (6x) clock required for the serial LVDS digital outputs. The serial LVDS output provides programmable test patterns for data timing alignment and output drivers with programmable current drive and programmable internal termination. The device is available in a small, 10mm x 10mm x 1.2mm, 144-lead thin chip ball grid array (CTBGA) package and is specified for the extended industrial (-40NC to +85NC) temperature range.
Applications
Ultrasound and Medical Imaging Instrumentation Multichannel Communications ZIF GSM and TD-SCDMA Transceivers
PART MAX19527EXE+
Ordering Information
TEMP RANGE -40NC to +85NC PIN-PACKAGE 144 CTBGA
+Denotes a lead(Pb)-free/RoHS-compliant package.
SPI is a trademark of Motorola, Inc.
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
ABSOLUTE MAXIMUM RATINGS
AVDD, OVDD to GND ......................................... -0.3V to +2.1V OGND to GND......................................................-0.3V to +0.3V IN_+, IN_-, CMOUT, REFIO, REFH, REFL, CLKIN+, CLKIN- to GND ..............-0.3V to the lower of (VAVDD + 0.3V) and +2.1V OUT_+, OUT_-, FRAME+, FRAME-, CLKOUT+, CLKOUT-, SHDN, CS, SCLK, SDIO to GND .............-0.3V to the lower of (VOVDD + 0.3V) and +2.1V Continuous Power Dissipation (TA = +70NC) 144-Lead CTBGA (derate 37mW/NC above +70NC) Multilayer Board ...................................................... 2963mW Operating Temperature Range ......................... -40NC to +85NC Junction Temperature ....................................................+150NC Storage Temperature Range .......................... -65NC to +150NC Lead Temperature (soldering, 10s) ................................+300NC Soldering Temperature (reflow) ......................................+260NC
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted.) (Note 1) PARAMETER DC ACCURACY Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Input Differential Range Common-Mode Input Voltage Range Input Resistance INL DNL OE GE VDIFF VCM fIN = 5.3MHz fIN = 5.3MHz, no missing codes Internal reference External reference = 1.25V IN_+ - IN_Q50mV tolerance Fixed resistance to GND RIN Differential input resistance, common mode connected to inputs Switched capacitance input current, each input, VCM = 1.050V Fixed capacitance to GND, each input Fixed differential capacitance 12 Q0.5 Q0.3 Q0.07 Q0.2 1.5 1050 > 100 4 36 1 0.2 1.5 50 25 Figure 5 8.5 MHz MHz Clock Cycles pF kI Q1.7 Q1.0 Q0.7 Q3.0 Bits LSB LSB %FS %FS VP-P mV SYMBOL CONDITIONS MIN TYP MAX UNITS
ANALOG INPUTS (IN_+, IN_-) (Figure 2)
Input Current
IIN CINS
FA
Input Capacitance CONVERSION RATE Maximum Clock Frequency Minimum Clock Frequency Data Latency
CIND
CSAMPLE Switched capacitance, each input fCLK fCLK
2
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted.) (Note 1) PARAMETER DYNAMIC PERFORMANCE Small-Signal Noise Floor Near-Carrier Signal-to-Noise Ratio SSNF Analog input < -35dBFS, fIN = 5.3MHz 1kHz offset from 5.3MHz full-scale tone, CREFIO = CREFH/REFL = 0.1FF (Figure 3) 8-channel coherent sum Signal-to-Noise Ratio Signal-to-Noise and Distortion Ratio Spurious-Free Dynamic Range Total Harmonic Distortion Intermodulation Distortion Full-Power Bandwidth Overdrive Recovery Time INTERCHANNEL CHARACTERISTICS Crosstalk Gain Matching Phase Matching ANALOG OUTPUT (CMOUT) CMOUT Output Voltage INTERNAL REFERENCE REFIO Output Voltage REFIO Temperature Coefficient REFH Voltage REFL Voltage EXTERNAL REFERENCE REFIO Input Voltage Range REFIO Input Resistance VREFIN RREFIN +5%/-15% tolerance 1.25 10 Q 20% V kI VREFIO TCREF VREFH VREFL Bypass only, no DC load Bypass only, no DC load Bypass only, no DC load 1.22 1.25 < Q60 1.61 0.86 1.28 V ppm/NC V V VCMOUT Default programming state 1.05 1.10 1.15 V fIN = 5.3MHz at -0.5dBFS fIN = 5.3MHz fIN = 5.3MHz -90 Q0.1 Q0.25 dB dB Degrees SNR SINAD SFDR THD IMD FPBW fIN = 5.3MHz at -0.5dBFS fIN = 19.3MHz at -0.5dBFS fIN = 5.3MHz at -0.5dBFS fIN = 19.3MHz at -0.5dBFS fIN = 5.3MHz at -0.5dBFS fIN = 19.3MHz at -0.5dBFS fIN = 5.3MHz at -0.5dBFS fIN = 19.3MHz at -0.5dBFS fIN1 = 5.15MHz at -6.5dBFS, fIN2 = 5.45MHz at -6.5dBFS RSOURCE = 50I differential 6dB beyond full scale (recover accuracy to < 1% of full scale) 70.0 66.6 67.0 -69.5 140 147 68.5 68.5 68.2 68.2 84 84 -81 -81 -83 > 500 <1 -72 dB dB dBc dBc dB MHz Clock Cycles dBFS SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX19527
NCSNR
dBc/Hz
3
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted.) (Note 1) PARAMETER Differential Clock Input Voltage Common-Mode Voltage SYMBOL VCLKD VCLKCM Self-biased DC-coupled clock signal Differential, default setting Input Resistance RCLK Differential, programmable internal termination selected Common mode to GND Input Capacitance Single-Ended Mode Selection Threshold (CLKIN-) Single-Ended Clock Input High Threshold (CLKIN+) Single-Ended Clock Input Low Threshold (CLKIN+) Input Leakage (CLKIN+) Input Leakage (CLKIN-) Input Capacitance (CLKIN+) DIGITAL INPUTS (SHDN, SCLK, SDIN, CS) Input High Threshold VIH Input Low Threshold Input Leakage Input Capacitance DIGITAL OUTPUTS (SDIO) Output Voltage Low Output Voltage High VOL VOH ISINK = 200FA ISOURCE = 200FA OVDD 0.2 250 1.125 450 1.375 0.2 V V VIL IIH IIL CDIN VIH = 1.8V VIL = 0V -5 3 1.5 0.3 +5 CCLK Capacitance to GND, each input CLOCK INPUTS (CLKIN+, CLKIN-)--SINGLE-ENDED MODE (CLKIN- < 0.1V) (Figure 4) VIL VIH VIL IIH IIL IIL VIH = 1.8V VIH = 0V VIH = 0V -5 -150 3 -50 1.5 0.3 +5 0.1 V V V FA FA pF V V FA pF CONDITIONS MIN TYP 0.4 to 2.0 1.2 1.0 to 1.4 10 0.1 9 3 pF kI MAX UNITS VP-P V CLOCK INPUTS (CLKIN+, CLKIN-)--DIFFERENTIAL MODE (Figure 4)
LVDS DIGITAL OUTPUTS (OUT_+/OUT_-, CLKOUT+/CLKOUT-, FRAME+/FRAME-) Differential Output Voltage Output Offset Voltage |VOD| VOS External RLOAD = 100I External RLOAD = 100I Internal reference, CREFIO = 0.1FF, CREFH/REFL = 0.1FF; Q1% gain error, with respect to steady-state gain Internal reference, CREFIO = 0.1FF, CREFH/REFL = 0.1FF; Q1% gain error, with respect to steady-state gain mV V
POWER-MANAGEMENT CHARACTERISTICS (Figure 3) Wake-Up Time from Sleep Mode tSWAKE 10 ms
Wake-Up Time from Nap Mode
tNWAKE
2
Fs
4
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted.) (Note 1) PARAMETER SCLK Period SCLK to CS Setup Time SCLK to CS Hold Time SDIO to SCLK Setup Time SDIO to SCLK Hold Time SCLK to SDIO Output Data Delay SYMBOL tSCLK tCSS tCSH tSDS tSDH tSDD Serial-data write Serial-data write Serial-data read CONDITIONS MIN 50 10 10 10 0 10 tSAMPLE/ tSAMPLE/ tSAMPLE/ 24 - 0.10 24 + 0.05 24 + 0.20 tSAMPLE/12 tSAMPLE/12 tSAMPLE/ tSAMPLE/ tSAMPLE/ 24 - 0.10 24 + 0.05 24 + 0.20 tSAMPLE/ tSAMPLE/ tSAMPLE/ 2 + 1.6 2 + 2.3 2 + 3.3 1.7 1.7 8 channels active Analog Supply Current IAVDD Incremental channel power-down Nap mode Sleep mode 8 channels active, external RLOAD = 100I Digital Output Supply Current IOVDD Incremental channel power-down Nap mode Sleep mode 8 channels active Total Power Dissipation PTD Incremental channel power-down Nap mode Sleep mode 1.8 1.8 158 -18 13 0.35 87 -7.4 28 < 0.1 440 -46 74 0.8 mW mA 15 0.5 1.9 1.9 180 mA TYP MAX UNITS ns ns ns ns ns ns SERIAL PERIPHERAL INTERFACE (SPI) TIMING (Figure 9, Note 2)
MAX19527
TIMING CHARACTERISTICS (Figures 6 and 7, Note 2) Data Valid to CLKOUT Rise/Fall CLKOUT Output-Width High CLKOUT Output-Width Low FRAME Rise to CLKOUT Rise Sample CLK Rise to Frame Rise POWER REQUIREMENTS Analog Supply Voltage Digital Output Supply Voltage VAVDD VOVDD V V tOD tCH tCL tDF tSF ns ns ns ns ns
Note 1: Specifications are 100% production tested at TA R +25NC. Specifications for TA < +25NC are guaranteed by design and characterization. Note 2: Specifications guaranteed by design and characterization.
5
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Typical Operating Characteristics
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted. Specifications are 100% production tested at TA R +25NC. Specifications for TA < +25NC are guaranteed by design and characterization.)
5.3MHz INPUT FFT PLOT
MAX19527 toc01
19.3MHz INPUT FFT PLOT
MAX19527 toc02
CROSSTALK FFT PLOT
-10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 fIN(IN2) = 19.3039MHz MEASURED ON CHANNEL 1, WITH INTERFERING SIGNAL ON CHANNEL 2 fIN(IN1) = 5.301324MHz fIN(IN2) = 19.303900MHz AIN(IN1) = -0.5dBFS AIN(IN2) = -0.5dBFS CROSSTALK = -92dB
MAX19527 toc03
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10
AMPLITUDE (dBFS)
fIN = 5.301324MHz AIN = -0.49dBFS SNR = 68.58dB SINAD = 68.35dB THD = -81.19dBc SFDR = 85.17dB
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110
fIN = 19.303900MHz AIN = -0.51dBFS SNR = 68.49dB SINAD = 68.24dB THD = -80.90dBc SFDR = 85.73dB
0
15
20
25
0
5
10
15
20
25
0
5
10
15
20
25
FREQUENCY (MHz)
FREQUENCY (MHz)
FREQUENCY (MHz)
TWO-TONE INTERMODULATION DISTORTION
MAX19527 toc04
5.3MHz INPUT FFT PLOT 8-CHANNEL COHERENT SUM
-10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 0 5 10 fIN = 5.301324MHz AIN = -0.50dBFS SNR = 77.20dB SINAD = 76.84dB THD = -87.80dBc SFDR = 89.31dB
MAX19527 toc05
INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE
0.8 0.6 0.4 INL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
MAX19527 toc06
0 -10 -20 AMPLITUDE (dBFS) -30 -40 -50 -60 -70 -80 -90 -100 -110 0 5 10 15 20 fIN1 = 5.154828MHz fIN2 = 5.423404MHz AIN1 = -6.95dBFS AIN2 = -7.02dBFS IM3 = -83dBc
0
1.0
AMPLITUDE (dBFS)
25
15
20
25
0
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
FREQUENCY (MHz)
FREQUENCY (MHz)
DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE
MAX19527 toc07
DYNAMIC PERFORMANCE vs. INPUT FREQUENCY
SFDR DYNAMIC PERFORMANCE (dB) 85 80 75 70 65 60 -THD SNR
MAX195027 toc08
DYNAMIC PERFORMANCE vs. ANALOG INPUT POWER
80 DYNAMIC PERFORMANCE (dB) 70 60 50 40 30 20 10 SNR SINAD SFDR -THD
MAX19527 toc09
1.0 0.8 0.6 0.4 DNL (LSB) 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0
90
90
SINAD 0 50 100 150 200
512 1024 1536 2048 2560 3072 3584 4096 DIGITAL OUTPUT CODE
-50 -45 -40 -35 -30 -25 -20 -15 -10 -5 ANALOG INPUT POWER (dBFS)
0
INPUT FREQUENCY (MHz)
6
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Typical Operating Characteristics (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted. Specifications are 100% production tested at TA R +25NC. Specifications for TA < +25NC are guaranteed by design and characterization.)
DYNAMIC PERFORMANCE vs. SAMPLING RATE
MAX19527 toc10
MAX19527
DYNAMIC PERFORMANCE vs. INPUT COMMON-MODE VOLTAGE
SFDR
MAX19527 toc11
DYNAMIC PERFORMANCE vs. ANALOG SUPPLY VOLTAGE
SFDR
MAX19527 toc12
90 85 80
SFDR
90 85 80 -THD 75
90 85 80
DYNAMIC PERFORMANCE (dB)
DYNAMIC PERFORMANCE (dB)
DYNAMIC PERFORMANCE (dB)
-THD 75 SNR 70 65 60 25 30 35 40 45 50 SAMPLING RATE (MHz) SINAD
-THD 75 SNR 70 65 60 SINAD
SNR 70 65 60 0.95 1.00 1.05 1.10 1.15 INPUT COMMON-MODE VOLTAGE (V) SINAD
1.65
1.70
1.75
1.80 VAVDD (V)
1.85
1.90
1.95
DYNAMIC PERFORMANCE vs. CLOCK DUTY CYCLE
MAX19527 toc13
DYNAMIC PERFORMANCE vs. TEMPERATURE
MAX19527 toc14
NEAR-CARRIER NOISE SPECTRUM vs. FREQUENCY OFFSET
NEAR-CARRIER NOISE SPECTRUM (dBC/Hz)
MAX19527 toc15
90 85 80 75
SFDR
90 85 80 75 70 65 60
SFDR
-120
DYNAMIC PERFORMANCE (dB)
DYNAMIC PERFORMANCE (dB)
-130
SINGLE CHANNEL
-THD SNR
-THD SNR
-140
70 65 60 30 35 40 45 50 55 60 65 70 CLOCK DUTY CYCLE (%) SINAD SINGLE-ENDED CLOCK MODE
-150 8-CHANNEL COHERENT SUM -160 -5 -3 -1 1 3 5
SINAD
-40
-15
10
35
60
85
TEMPERATURE (C)
FREQUENCY OFFSET (kHz)
+6dB OVERDRIVE OUTPUT CODE vs. SIGNAL PHASE
MAX19527 toc16
+6dB OVERDRIVE ERROR vs. SIGNAL PHASE
MAX19527 toc17
ANALOG SUPPLY CURRENT vs. SAMPLING RATE (AVDD)
160 ANALOG SUPPLY CURRENT (mA) 140 120 100 80 60 40 20 0 NAP MODE 25 30 35 40 45 50 SAMPLING RATE (MHz) 1 CHANNEL 4 CHANNELS 7 CHANNELS 8 CHANNELS
MAX19527 toc18
4096 +6dB OVERDRIVE OUTPUT CODE 3584 3072 2560 2048 1536 1024 512 0 0 60 120 180 240 300 CLIPPED AT 0 CLIPPED AT 4095 fIN = 5.3MHz AIN = +6dBFS
1.00 0.75 +6dB OVERDRIVE ERROR (LSB) 0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 CLIPPED AT 4095 CLIPPED AT 0 fIN = 5.3MHz AIN = +6dBFS
180
360
0
60
120
180
240
300
360
SIGNAL PHASE (DEGREES)
SIGNAL PHASE (DEGREES)
7
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Typical Operating Characteristics (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted. Specifications are 100% production tested at TA R +25NC. Specifications for TA < +25NC are guaranteed by design and characterization.)
ANALOG SUPPLY CURRENT vs. TEMPERATURE (AVDD)
MAX19527 toc19
ANALOG SUPPLY CURRENT vs. SUPPLY VOLTAGE (AVDD)
MAX19527 toc20
DIGITAL SUPPLY CURRENT vs. SAMPLING RATE (OVDD)
90 DIGITAL SUPPLY CURRENT (mA) 80 70 60 50 40 30 20 10 0 1 CHANNEL NAP MODE 4 CHANNELS 8 CHANNELS 7 CHANNELS
MAX19527 toc21
180 ANALOG SUPPLY CURRENT (mA) 175 170 165 160 155 150 145 140 -40 -15 10 35 60
170 ANALOG SUPPLY CURRENT (mA) 165 160 155 150 145 140
100
85
1.65
1.70
1.75
1.80
1.85
1.90
1.95
25
30
35
40
45
50
TEMPERATURE (C)
SUPPLY VOLTAGE (V)
SAMPLING RATE (MHz)
DIGITAL SUPPLY CURRENT vs. TEMPERATURE (OVDD)
MAX19527 toc22
DIGITAL SUPPLY CURRENT vs. SUPPLY VOLTAGE (OVDD)
MAX19527 toc23
REFERENCE VOLTAGE vs. TEMPERATURE
MAX19527 toc24
95 DIGITAL SUPPLY CURRENT (mA)
100 DIGITAL SUPPLY CURRENT (mA) 95 90 85 80 75 70
1.260 1.255 1.250 1.245 1.240 1.230
85
80
75 -40 -15 10 35 60 85 TEMPERATURE (C)
REFERENCE VOLTAGE (V)
90
1.65
1.70
1.75
1.80
1.85
1.90
1.95
-40
-15
10
35
60
85
SUPPLY VOLTAGE (V)
TEMPERATURE (C)
CMOUT VOLTAGE vs. TEMPERATURE
MAX19527 toc25
CMOUT VOLTAGE vs. CMOUT LOAD CURRENT
MAX19527 toc26
ANALOG INPUT CURRENT vs. INPUT COMMON-MODE VOLTAGE (AVDD)
MAX19527 toc27
1.18 1.16 1.14 CMOUT VOLTAGE (V) 1.12 1.10 1.08 1.06 1.04 1.02 1.00 -40 -20 0 20 111 110 101 100 011 010 001 000
CMI_ADJ[2:0]
1.12 1.11 CMOUT VOLTAGE (V) 1.10 1.09 1.08 1.07
50 45 40 35 30 25 20 0.95 1.00 1.05 1.10
40
60
80
0
200
400
600
800
1000
ANALOG INPUT CURRENT (A)
1.15
TEMPERATURE (C)
CMOUT LOAD CURRENT (A)
INPUT COMMON-MODE VOLTAGE (V)
8
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Pin Configuration
TOP VIEW N.C. A1 N.C. B1 IN1C1 IN2D1 IN3E1 IN4F1 IN5G1 IN6H1 IN7J1 IN8K1 N.C. L1 N.C. M1 N.C. A2 N.C. B2 IN1+ C2 IN2+ D2 IN3+ E2 IN4+ F2 IN5+ G2 IN6+ H2 IN7+ J2 IN8+ K2 N.C. L2 N.C. M2 N.C. A3 N.C. B3 GND C3 GND D3 GND E3 CMOUT F3 CMOUT G3 GND H3 GND J3 GND K3 N.C. L3 N.C. M3 N.C. A4 N.C. B4 GND C4 GND D4 GND E4 GND F4 GND G4 GND H4 GND J4 GND K4 N.C. L4 N.C. M4 N.C. A5 N.C. B5 GND C5 GND D5 GND E5 GND F5 GND G5 GND H5 GND J5 GND K5 N.C. L5 N.C. M5 N.C. A6 N.C. B6 GND C6 GND D6 GND E6 GND F6 GND G6 GND H6 GND J6 GND K6 N.C. L6 N.C. M6 AVDD A7 N.C. B7 GND C7 GND D7 GND E7 AVDD F7 AVDD G7 GND H7 GND J7 GND K7 AVDD L7 AVDD M7 REFH A8 AVDD B8 GND C8 GND D8 GND E8 GND F8 GND G8 GND H8 GND J8 GND K8 CLKIN+ L8 CLKINM8 REFIO A9 I.C. B9 GND C9 GND D9 GND E9 GND F9 GND G9 GND H9 GND J9 GND K9 GND L9 GND M9 REFL A10 SHDN B10 OGND C10 OGND D10 OGND E10 OVDD F10 OVDD G10 OGND H10 OGND J10 OGND K10 SDIO L10 SCLK M10 OGND A11 OUT1+ B11 OUT2+ C11 OUT3+ D11 OUT4+ E11 OVDD A12 OUT1B12 OUT2C12 OUT3D12 OUT4E12
MAX19527
CLKOUT+ CLKOUTF11 FRAME+ G11 OUT5+ H11 OUT6+ J11 OUT7+ K11 OUT8+ L11 CS M11 F12 FRAMEG12 OUT5H12 OUT6J12 OUT7K12 OUT8L12 OVDD M12
Pin Description
PIN C1 C2 D1 D2 E1 E2 F1 F2 NAME IN1IN1+ IN2IN2+ IN3IN3+ IN4IN4+ FUNCTION Channel 1 Negative (Inverting) Analog Input Channel 1 Positive (Noninverting) Analog Input Channel 2 Negative (Inverting) Analog Input Channel 2 Positive (Noninverting) Analog Input Channel 3 Negative (Inverting) Analog Input Channel 3 Positive (Noninverting) Analog Input Channel 4 Negative (Inverting) Analog Input Channel 4 Positive (Noninverting) Analog Input ANALOG INPUTS
9
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Pin Description (continued)
PIN G1 G2 H1 H2 J1 J2 K1 K2 L8 M8 LVDS OUTPUTS B11 B12 C11 C12 D11 D12 E11 E12 F11 F12 G11 G12 H11 H12 J11 J12 K11 K12 L11 L12 L10 M10 M11 OUT1+ OUT1OUT2+ OUT2OUT3+ OUT3OUT4+ OUT4CLKOUT+ CLKOUTFRAME+ FRAMEOUT5+ OUT5OUT6+ OUT6OUT7+ OUT7OUT8+ OUT8SDIO SCLK CS Channel 1 Positive (Noninverting) LVDS Digital Output Channel 1 Negative (Inverting) LVDS Digital Output Channel 2 Positive (Noninverting) LVDS Digital Output Channel 2 Negative (Inverting) LVDS Digital Output Channel 3 Positive (Noninverting) LVDS Digital Output Channel 3 Negative (Inverting) LVDS Digital Output Channel 4 Positive (Noninverting) LVDS Digital Output Channel 4 Negative (Inverting) LVDS Digital Output Positive (Noninverting) Serial LVDS Clock Output Negative (Inverting) Serial LVDS Clock Output Positive (Noninverting) Frame-Alignment LVDS Output. A rising edge on the differential FRAME output aligns to a valid output data frame. Negative (Inverting) Frame-Alignment LVDS Output. A rising edge on the differential FRAME output aligns to a valid output data frame. Channel 5 Positive (Noninverting) LVDS Digital Output Channel 5 Negative (Inverting) LVDS Digital Output Channel 6 Positive (Noninverting) LVDS Digital Output Channel 6 Negative (Inverting) LVDS Digital Output Channel 7 Positive (Noninverting) LVDS Digital Output Channel 7 Negative (Inverting) LVDS Digital Output Channel 8 Positive (Noninverting) LVDS Digital Output Channel 8 Negative (Inverting) LVDS Digital Output SPI Data Input/Output SPI Clock SPI Chip Select NAME IN5IN5+ IN6IN6+ IN7IN7+ IN8IN8+ CLKIN+ CLKINFUNCTION Channel 5 Negative (Inverting) Analog Input Channel 5 Positive (Noninverting) Analog Input Channel 6 Negative (Inverting) Analog Input Channel 6 Positive (Noninverting) Analog Input Channel 7 Negative (Inverting) Analog Input Channel 7 Positive (Noninverting) Analog Input Channel 8 Negative (Inverting) Analog Input Channel 8 Positive (Noninverting) Analog Input Clock Positive (Noninverting) Input Clock Negative (Inverting) Input. If CLKIN- is connected to ground, CLKIN+ is a single-ended, logic-level clock input. Otherwise, CLKIN+ and CLKIN- are self-biased differential clock inputs.
3-WIRE SERIAL PERIPHERAL INTERFACE (SPI)
10
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Pin Description (continued)
PIN REFERENCE A8 A9 A10 REFH REFIO REFL High Reference Bypass. Bypass REFH with a 0.1FF capacitor to REFL. See the Reference Configurations section for details. Reference Input/Output. To use internal reference, bypass to GND with a capacitor value of 0.1 FF. See the Reference Configurations section for an external reference. Low Reference Bypass. Bypass REFL with a 0.1FF capacitor to REFH. See the Reference Configurations section for details. Analog Supply Voltage. Apply 1.8V to all AVDD inputs. Bypass each input to GND with a 0.1FF capacitor. Digital Ground. Connect all GND (analog ground) and OGND (digital ground) pins to the board ground plane. Digital Supply Voltage. Digital and output driver supply input. Apply 1.8V to all OVDD inputs. Bypass each input to GND with a 0.1FF capacitor. Active-High Power-Down. Programmable power-management state selection. See the Power Management section for details. NAME FUNCTION
MAX19527
SUPPLY AND BIAS A7, B8, F7, G7, L7, M7 A11, C10, D10, E10, H10, J10, K10 A12, F10, G10, M12 B10 C3-C9, D3- D9, E3-E9, F4, F5, F6, F8, F9, G4, G5, G6, G8, G9, H3-H9, J3-J9, K3- K9, L9, M9 F3, G3 OTHER A1-A6, B1- B7, L1-L6, M1-M6 B9 N.C. I.C. No Connection. Not internally connected. Internal Connection. Leave I.C. unconnected. AVDD
OGND
OVDD SHDN
GND
Analog Ground. Connect all GND (analog ground) and OGND (digital ground) pins to the board ground plane.
CMOUT
Common-Mode Output. Input common-mode reference output. Bypass CMOUT with a 1FF capacitor to GND.
11
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Simplified Block Diagram
REFIO CMOUT
REFH
REFL
CS
SCLK
SDIO
SHDN
REFERENCE AND BIAS GENERATION
SPI, REGISTERS, AND CONTROL OUT1+
IN1+ IN1IN2+ IN212-BIT ADC DIGITAL SERIALIZER LVDS 12-BIT ADC DIGITAL SERIALIZER LVDS
OUT1OUT2+ OUT2-
IN8+ IN812-BIT ADC DIGITAL SERIALIZER LVDS
OUT8+ OUT8-
CLKOUT+ 6x CLKIN+ CLKINCLOCK CIRCUITRY PLL 1x LVDS CLKOUTFRAME+ LVDS FRAME-
MAX19527
AVDD
OVDD
GND
12
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Detailed Description
The MAX19527 is an octal, 12-bit, 50Msps analogto-digital converter (ADC). The ADC features fully differential inputs, a differential, pipelined architecture with digital error correction, 3-wire SPI-compatible interface for device configuration, serial LVDS digital outputs, and fully configurable power management. The device has an internal precision bandgap reference, but the reference structure also allows the use of an external reference. A flexible clock input circuit allows for a single-ended or differential clock signal, while an on-chip configurable PLL generates the multiplied (6x) clock required for the serial LVDS digital outputs. The ADC offers eight separate, fully differential channels with synchronized inputs and outputs. The device features a 9-stage, fully differential, pipelined architecture that is ideal for high-speed conversion while minimizing power consumption (Figure 1). Sampled signals taken at a channel input move progressively through the pipeline stages every half clock cycle. From input to serial output, the total latency is 8.5 clock cycles. Each pipeline stage converts its input voltage to a digital output code. At every stage, except the last, the error between the input voltage and the digital output code is multiplied and passed on to the next pipeline stage. Digital error correction compensates for ADC comparator offsets in each pipeline stage and ensures that there are no missing codes. See the Simplified Block Diagram.
MAX19527
Apply the differential analog input signal to the analog inputs (IN_+, IN_-), which are connected to the input sampling switch (Figure 2). When the input sampling switch is closed, the input signal is applied to the sampling capacitors through the input switch resistance. The input signal is sampled at the instant the input switch opens. Carefully balance the input impedance of IN_+ and IN_- for optimum performance. Before the input switch is closed to begin the next sampling cycle, the sampling capacitors are reset to the input common-mode potential. Common-mode bias can be provided externally (default) or internally through 2kI resistors (programmed). In DC-coupled applications, the signal source provides the external bias and the bias current. In AC-coupled applications, the input current is supplied by the common-mode input voltage. For example, the input current can be supplied through the center tap of a transformer's secondary winding.
Analog Inputs and Common-Mode Reference
C
X2
FLASH ADC
DAC
IN1_+ IN1_STAGE 1 STAGE 2 STAGE 8
STAGE 9, END OF PIPELINE
DIGITAL ERROR CORRECTION
MAX19527
12
DATA[11:0]
Figure 1. Pipeline Architecture--Stage Blocks
13
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Alternatively, program the Input Common-Mode Control register (04h, see Tables 17 and 18 for configuration details) through the SPI interface to supply the input DC common-mode voltage and current through internal 2kI resistors (Figure 2). When the input current is supplied through the internal resistors, the input commonmode potential is reduced by the voltage drop across the resistors. The common-mode input reference voltage can be adjusted through programmable register settings from 1.020V to 1.160V in 0.020V increments. The default setting is 1.100V. CMOUT can be used to provide a commonmode output reference to a DC-coupled driving circuit.
MAX19527
A trimmed internal bandgap voltage generator provides an internal reference voltage of 1.25V. The bandgap voltage is buffered and applied to REFIO through a 10kI resistor. The buffered bandgap voltage is applied to a scaling and level-shift circuit, which creates the internal reference potentials (REFH, REFL) that establish the full-scale range of the ADC. A simplified schematic of the reference circuit is shown in Figure 3. Alternatively, REFIO can be driven externally for greater gain accuracy, or to establish a different full-scale range.
Reference Configurations
CMOUT IN_+
AVDD RSWITCH 100I CPAR 1.0pF CSAMPLE 1.5pF
2kI VCOM*
MAX19527
AVDD 2kI IN_TO OTHER ADC CHANNELS CPAR 1.0pF RSWITCH 100I CSAMPLE 1.5pF
SAMPLING CLOCK *VCOM PROGRAMMABLE FROM 1.02V TO 1.16V-- SEE THE INPUT COMMON-MODE AND CLKIN CONTROL REGISTER (04h)
Figure 2. Internal Track-and-Hold (T/H) Circuit
INTERNAL GAIN--BYPASS REFIO EXTERNAL GAIN CONTROL--DRIVE REFIO REFIO
0.1F EXTERNAL BYPASS
REFH REFL
0.1F EXTERNAL BYPASS
1.250V BANDGAP REFERENCE BUFFER 10kI
SCALE AND LEVEL SHIFT
10kI 10kI
TO PIPELINE ADCs INTERNAL REFERENCE (CONTROLS ADC GAIN)
Figure 3. Simplified Reference Schematic 14
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Internal Reference Mode In a typical application, the internal absolute gain accuracy is sufficient and the internal reference is used to establish the full-scale range of the ADC. An external 0.1FF bypass capacitor from REFIO to GND is recommended. An external bypass capacitor placed across REFH and REFL is required to achieve optimal near-carrier noise performance, and a value of 0.1FF is recommended to achieve the performance specified in the Electrical Characteristics table. When using sleep mode for power management, the wake-up time is determined by the reference-bypass capacitor values. The wake-up from sleep-mode characteristic appears as ADC gain vs. time where the ADC full-scale voltage is to first order a 2-pole response. The first pole is established by the RC time constant on pin REFIO. The second pole is established by the RC time constant on pins REFH and REFL. When the recommended capacitor values are used, the wake-up from sleep time is 10ms. When nap mode is used for power management, the reference remains powered on and the wake-up time from nap mode is not affected by the reference bypass capacitance values. External Reference Mode In applications where control over the full-scale range of the ADC is desired, an external voltage of 1.25V can be applied to REFIO. For optimal performance, the recommended adjustment range is limited to +5/-15%. The REFIO-to-ADC gain-transfer function is: VFS = 1.5 x [VREFIO/1.25] As in the case of internal reference mode, apply a 0.1FF capacitor across pins REFH and REFL to achieve optimal near-carrier noise performance and provide noise filtering of the external reference source. The input clock interface provides for flexibility in the requirements of the clock driver. The device accepts a fully differential clock or single-ended logic-level clock. The device is specified for an input sampling frequency range of 25MHz to 50MHz. By default, the internal PLL is configured to accept input clock frequencies from 39MHz to 50MHz. The PLL is programmed through the PLL Sampling Rate register (00h, Table 2). Table 3 details the complete range of PLL sampling frequency settings. For differential clock operation, connect a differential clock to the CLKIN+ and CLKIN- inputs. The input common mode is established internally to allow for AC-coupling. The self-biased input common-mode voltage defaults to 1.2V. The differential clock signal can also be DC-coupled if the externally established common-mode voltage is constrained to the specified clock input common-mode range of 1.0V to 1.4V. A differential input termination of 100I can be switched in by programming the CLKIN Control register (04h[4], Table 17). For single-ended operation, connect CLKIN- to GND and drive the CLKIN+ input with a logic-level signal. When the CLKIN- input is grounded (or pulled below the threshold of the clock-mode detection comparator), the differential-to-single-ended conversion stage is disabled and the logic-level inverter path is activated. The input common-mode self-bias is disconnected from CLKIN+, and provides a weak pullup bias to AVDD for CLKINduring single-ended clock operation (Figure 4). Figure 5 shows the relationship between the analog inputs, input clock, frame-alignment output, serial-clock output, and serial-data outputs. The differential analog input (IN_+, IN_-) is sampled on the rising edge of the applied clock signal (CLKIN+, CLKIN-) and the resulting data appears at the digital outputs 8.5 clock cycles later. Figure 6 provides a detailed, two-conversion timing diagram of the relationship between inputs and outputs. Clock Output (CLKOUT+, CLKOUT-) The ADC provides a differential clock output that consists of CLKOUT+ and CLKOUT-. As shown in Figure 6, the serial output data is clocked out of the device on both edges of the clock output. The frequency of the output clock is six times (6x) the frequency of the input clock. The Output Data Format and Test Pattern register (01h) allows the phase of the clock output to be adjusted relative to the output data frame (Table 5, Figure 10). Frame-Alignment Output (FRAME+, FRAME-) The ADC provides a differential frame-alignment signal that consists of FRAME+ and FRAME-. As shown in Figure 6, the rising edge of the frame-alignment signal corresponds to the first bit (D0) of the 12-bit serial-data stream. The frequency of the frame-alignment signal is identical to the frequency of the input clock; however, the duty cycle varies depending on the input clock frequency.
MAX19527
System Timing Requirements
Clock Input
15
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
CLKIN+ 5kI AVDD SINGLE-ENDED CLOCK MODE: INVERTER PATH 10kI SELECT 50I 2:1 MUX DIFFERENTIAL-TO-SINGLE-ENDED CLOCK CONVERSION
20kI
SELECT THRESHOLD 5kI 50I
CLKININPUT COMMON-MODE SELF-BIAS BLOCK CLKIN_INTERNAL 100I TERMINATION, PROGRAMMED: 04h[4] DIFFERENTIAL MODE: CLKIN- > SELECT THRESHOLD SINGLE-ENDED MODE: CLKIN- < SELECT THRESHOLD
Figure 4. Simplified Clock Input Schematic
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
N+9
N+10
N+11
(VIN_+ - VIN_-) tSAMPLE
(VCLKIN+ - VCLKIN-)
8.5 CLOCK-CYCLE DATA LATENCY
(VFRAME+ - VFRAME-)
(VCLKOUT+ - VCLKOUT-)
(VOUT_+ - VOUT_-)
OUTPUT DATA FOR SAMPLE N-8
OUTPUT DATA FOR SAMPLE N
Figure 5. Global Timing Diagram 16
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Serial Output Data (OUT_+, OUT_-) The ADC provides conversion results through individual differential outputs consisting of OUT_+ and OUT_-. The results are valid 8.5 input clock cycles after a sample is taken. As shown in Figure 5, the output data is clocked out on both edges of the output clock, LSB (D0) first (by default). Figure 7 displays the detailed serial-output timing diagram. The ADC features programmable, fully differential LVDS digital outputs. By default, the 12-bit data output is transmitted LSB first, in offset binary format. The Output Data Format and Test Pattern register (01h, Table 5) allows customization of the output bit order and data format. The output bit order can be reconfigured to
N (VIN_+ - VIN_-) tSAMPLE (VCLKIN+ - VCLKIN-) tSF
transmit MSB first, and the output data format can be changed to two's complement. Table 6 contains full output data configuration details. The LVDS outputs feature flexible programming options. First, the output common-mode voltage can be programmed from 0.6V to 1.2V (default) in 200mV steps (Table 13). Use the LVDS Output Driver Level register (02h, Table 9) to adjust the output common-mode voltage. The LVDS output driver current is also fully programmable through the LVDS Output Driver Management register (03h, Table 14). By default, the output driver current is set to 3.5mA. The output driver current can be adjusted from 0.5mA to 7.5mA in 0.5mA steps (Table 15).
MAX19527
Differential LVDS Digital Outputs
N+1
N+1
(VFRAME+ - VFRAME-) tDF (VCLKOUT+ - VCLKOUT-)
(VOUT_+ - VOUT_-) D5
D6
D7
D8
D9
D10 D11 D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D0
D1
D2
D3
D4
D5
D6
D7
OUTPUT DATA FOR SAMPLE N-9
OUTPUT DATA FOR SAMPLE N-8
OUTPUT DATA FOR SAMPLE N-7
Figure 6. Detailed Two-Conversion Timing Diagram
(VFRAME+ - VFRAME-)
tCF
tCH
tCL
(VCLKOUT+ - VCLKOUT-)
tOD
tOD
(VOUT_+ - VOUT_-)
D0
D1
D2
D3
Figure 7. Serial-Output Detailed Timing Diagram 17
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
The LVDS output drivers also feature optional internal termination that can be enabled and adjusted by the LVDS Output Driver Management register (03h, Table 14). By default, the internal output driver termination is disabled. See Table 16 for all possible configurations. Output Driver Level Tests The LVDS outputs (data, clock, and frame) can be configured to static logic-level test states through the LVDS Output Driver Level register (02h, Table 9). The complete list of settings for the static logic-level test states can be found in Tables 10, 11, and 12. Data Output Test Patterns The LVDS data outputs can be configured to output several different, recognizable test patterns. Test patterns are enabled and selected using the Output Data Format and Test Pattern register (01h, Table 5). A complete list of test pattern options is listed in Table 7, and custom test pattern details can be found in the Custom Test Pattern Registers (07h, 08h, 09h) section (including Tables 21, 22, and 23). The SHDN input is used to toggle between two powermanagement states. Power state 0 corresponds to SHDN = 0, while power state 1 corresponds to SHDN = 1. The PLL Sampling Rate and Power Management register (00h) and the Channel Power Management registers (05h and 06h) fully define each power-management state. By default, SHDN = 1 shuts down the device and SHDN = 0 returns the ADCs to full-power operation. Use of the SHDN input is not required for power management. For either state of SHDN, complete power-management flexibility is provided, including individual ADC channel power-management control, as well as the option of which reduced power-mode to utilize in each power state. The available reduced-power modes are called sleep mode and nap mode. The device cannot enter either of these states unless no ADC channels are active in the current power state (Table 4). In nap mode, the reference, duty-cycle equalizer, and clock-multiplier PLL circuits remain active for rapid wake-up time. In nap mode, the externally applied clock signal must remain active for the duty-cycle equalizer and PLL to remain locked. Typical wake-up time from nap mode is 2Fs. In sleep mode, all circuits are turned off except for the bandgap voltage-generation circuit. All registers retain previously programmed values during sleep mode. Typical wake-up time from sleep mode is 10ms, which is dominated by the RC time constants on REFIO and REFH/REFL. Power On and Reset The user-programmable register default settings and other factory-programmed settings are stored in a nonvolatile memory. Upon device power-up, these values are loaded into the control registers. The operation occurs after the application of a valid supply voltage to AVDD and OVDD, and the presence of an input clock signal. The user-programmed register values are retained as long as the AVDD and OVDD voltages are applied. A reset condition overwrites all user-programmed registers with the default factory values. The reset condition occurs on power-up and can be initiated while powered with a software write command (write 5Ah) through the serial-port interface to the Special Function register (10h). The reset time is proportional to the ADC clock period and requires 415Fs at 50Msps. The ADC operates as a slave device that sends and receives data through a 3-wire SPI interface. A master device must initiate all data transfers to and from the device. The device uses an active-low SPI chipselect input (CS) to enable communication with timing controlled through the externally generated SPl clock input (SCLK). All data is sent and received through the bidirectional SPI data line (SDIO). The device has 10 user-programmable control registers and one specialfunction register, which are accessed and programmed through this interface. SPI Communication Format Figure 8 shows an ADC SPI communication cycle. All SPI communication cycles are made up of two bytes of data on SDIO and require 16 clock cycles on SCLK to be completed. To initiate an SPI read or write communication cycle, CS must first transition from a logic-high to a logic-low state. While CS remains low, serial data is clocked in from SDIO on rising edges of SCLK and clocked out (for a read) on the falling edges of SCLK. When CS is high, the device does not respond to SCLK transitions, and no data is read from or written to SDIO. CS must transition back to logic-high after each read/write cycle is completed.
Power Management
3-Wire Serial Peripheral Interface (SPI)
18
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
The first byte transmitted on SDIO is always provided by the master. The ADC (slave device) clocks in the data from SDIO on each rising edge of SCLK. The first bit received selects whether the communication cycle is a read or write. Logic 1 selects a read cycle, while logic 0 selects a write cycle. The next 7 bits (MSB first) are the register address for the read or write cycle. The address can indicate any of the 10 user-programmable control registers (00h to 09h), or the special-function register (10h, write only). Attempting to read/write with any other address has no effect (Table 1). The second byte on SDIO is sent to the ADC in the case of a write, or received from the ADC in the case of a read. For a write command, the device continues to clock in the data on SDIO on each rising edge of SCLK. In the case of a read command, the device writes data to SDIO on each falling edge of SCLK. The data byte is transmitted and received MSB first in both cases. The detailed SPI timing requirements are shown in Figure 9. The ADC has 10 user-programmable control registers, and one special-function register (Table 1). Each register is set to its power-on-reset (POR) default value when the device powers up or after a reset condition clears.
MAX19527
User-Programmable Control Registers
PLL Sampling Rate and Power Management Register (00h) The PLL Sampling Rate and Power-Management register (00h, Table 2) has two distinct functions. The first is to adjust the internal PLL to facilitate a wide range of input sampling frequencies. The second is to set the type of power-down mode used by each power state (set by SHDN).
CS
SCLK
SDIO
R/W
A6
A5
A4
A3 ADDRESS
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0 = WRITE 1 = READ
DATA (WRITE OR READ)
Figure 8. SPI Communication Cycle
tCSS
tCSH
CS
tSCLK
SCLK
tSDS
tSDH
tSDD
SDIO
Figure 9. SPI Timing Diagram
19
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
The PLL[2:0] bits (00h[6:4]) are used to program the clock multiplier for the internal PLL in order to set the input sampling frequency range. The default setting is PLL[2:0] = 001, which allows for 39MHz to 50MHz operation. See Table 3 for the full range of PLL settings and the corresponding sampling frequencies. The NAP_SHDN1 (00h[1]) and NAP_SHDN0 (00h[0]) bits are used to set the state of the ADC when all channels are turned off for the SHDN = 1 and SHDN = 0 powermanagement states, respectively. When they are set to logic 0, the device enters sleep mode if no channels are enabled in that power state. When they are set to logic 1, the device instead enters nap mode if no channels are enabled for that power state. If even one channel is active in the current power state, the device cannot enter nap or sleep mode (Table 4). The default states are NAP_SHDN1 = 0 and NAP_SHDN0 = 1, meaning that if all channels are disabled in the corresponding power state, SHDN = 1 corresponds to sleep mode and SHDN = 0 corresponds to nap mode. Output Data Format and Test Pattern Register (01h) The Output Data Format and Test Pattern register (01h, Table 5) has several functions. The first is used to adjust the LVDS output bit order and data format. The second is used to set the CLKOUT phase with respect to the output frame. Finally, this register is used to enable and select test pattern outputs.
Table 1. Summary of User-Programmable Control Registers
ADDRESS 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah to 0Fh 10h READ/WRITE R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W -- R/W POR STATE 0001-0001 0000-0000 0000-0000 0000-0000 0000-1000 1111-1111 0000-0000 1010-1010 0101-0101 0101-1010 Reserved -- FUNCTION PLL sampling rate and power management Output data format and test patterns LVDS output driver level LVDS output driver management Input common mode and CLKIN control Channel power management: SHDN0 Channel power management: SHDN1 Custom test patterns 1 Custom test patterns 2 Custom test patterns 3 Reserved registers (do not use) Special function
Table 2. PLL Sampling Rate and Power Management (00h)
BIT 7 -- BIT 6 BIT 5 PLL[2:0] BIT 4 BIT 3 -- BIT 2 -- BIT 1 NAP_SHDN1 BIT 0 NAP_SHDN0
Table 3. PLL Frequency Control Settings (00h[6:4])
CLOCK MULTIPLIER SETTING PLL[2] 0 0 0 0 1 X = Don't care. PLL[1] 0 0 1 1 X PLL[0] 0 1 0 1 X 39 28.5 25 Not used MINIMUM SAMPLING FREQUENCY (MHz) Not used 50 39 28.5 MAXIMUM SAMPLING FREQUENCY (MHz)
20
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
The LVDS data output format can be adjusted using the DATA_FORMAT bit (01h[1]) and the BIT_ORDER bit (01h[0]). The default state for both is logic 0, corresponding to a binary digital output code, presented LSB first. Setting BIT_ORDER to logic 1 changes the LVDS output data to an MSB-first format. Setting DATA_FORMAT to logic 1 changes the LVDS output format from binary to two's complement. Table 6 contains the LVDS output data format programming details. The phase of the serial LVDS output clock (CLKOUT) can be adjusted, relative to the output data frame, by using the CLKOUT_PHASE[1:0] bits (01h[3:2]). The default state for CLKOUT_PHASE[1:0] is 00, and by changing this value the default phase relationship can be adjusted in 90N increments. Figure 10 illustrates both the default phase relationship (between an output data frame and the output clock), as well as the other three settings (shown with the default LSB first output data format). The serial LVDS outputs also feature programmable test patterns for data timing alignment. By default, the TEST_DATA bit (01h[4]) is set to logic 0, enabling normal channel data outputs. By setting TEST_DATA to logic 1, test data output patterns are enabled. The ADC has five preset test data output settings, as well as one custom pattern setting (custom test patterns are programmed through registers 07h, 08h, and 09h). The TEST_PATTERN[2:0] bits (01h[7:5]) are used to select the type of output test pattern. All test patterns consist of a sequence of one or more 12-bit data frames. Table 7 contains the test pattern programming details. Pseudo-random data patterns are bit sequences without regard to bit position within the frame. The short sequence repeats every 29 - 1 (511) bits. The bit sequence is generated according to the ITU-T 0.150 standard, with an initial value shown in Table 8. The long sequence repeats every 223 - 1 (8,388,607) bits according to ITU-T 0.150 with an initial value shown in Table 8 and an inverted bit stream.
MAX19527
Table 4. Power-Management Programming Table
SHDN 0 0 0 1 1 1 X = Don't care. NAP_SHDN0 00h[0] 0 1 X X X X CHx_SHDN0 05h[7:0] 0000-0000 0000-0000 One or more bits set to 1 XXXX-XXXX XXXX-XXXX XXXX-XXXX NAP_SHDN1 00h[1] X X X 0 1 X CHx_SHDN1 06h[7:0] XXXX-XXXX XXXX-XXXX XXXX-XXXX 0000-0000 0000-0000 One or more bits set to 1 MAX19527 STATE Sleep mode Nap mode Active mode Sleep mode Nap mode Active mode
Table 5. Output Data Format and Test Pattern (01h)
BIT 7 BIT 6 BIT 5 BIT 4 TEST_DATA BIT 3 BIT 2 BIT 1 DATA_FORMAT BIT 0 BIT_ORDER TEST_PATTERN[2:0] CLKOUT_PHASE[1:0]
Table 6. LVDS Output Data Format Programming
DATA_FORMAT 0 0 1 1 BIT_ORDER 0 1 0 1 LVDS OUTPUT DATA FORMAT Binary, LSB first (default) Binary, MSB first Two's complement, LSB first Two's complement, MSB first
21
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
LVDS Output Driver Level Register (02h) Use the LVDS Output Driver Level register (02h, Table 9) to test the LVDS output driver static logic levels (OUT_, CLKOUT_, FRAME_) and to set the output commonmode voltage for all LVDS outputs. To test the LVDS outputs at static logic levels, the TEST_FRAME_LEVEL[1:0], TEST_CLKOUT_LEVEL[1:0], and TEST_DATA_LEVEL[1:0] bits (02h[5:0]) are used. The LSB of each, when set to logic 0 (default), disables the static output level test (normal data output). When the LSB of each is set to logic 1, the static output level test
CLKOUT_PHASE[1:0] = 00 (DEFAULT) VFRAME VFRAME
is enabled. The MSB of each is then used to determine if the static output is logic 1 or 0 (matches the logic state of the MSB). For detailed programming information, see Tables 10, 11, and 12. To set the LVDS output common-mode voltage, use the LVDS_CM[1:0] bits (02h[7:6]). By default, LVDS_CM[1:0] is set to 00, which corresponds to a default setting of 1.2V for the LVDS output common-mode voltage. Table 13 contains complete programming details.
CLKOUT_PHASE[1:0] = 01
VCLKOUT
VCLKOUT
VOUT_
D0
D1
D2
D3
VOUT_
D0
D1
D2
D3
CLKOUT_PHASE[1:0] = 10 VFRAME VFRAME
CLKOUT_PHASE[1:0] = 11
VCLKOUT
VCLKOUT
VOUT_
D0
D1
D2
D3
VOUT_
D0
D1
D2
D3
VFRAME = (VFRAME+ - VFRAME-)
VCLKOUT = (VCLKOUT+ - VCLKOUT-)
VOUT_ = (VOUT_+ - VOUT_-)
Figure 10. Serial LVDS Output Clock (CLKOUT) Phase Adjustment
Table 7. Test Pattern Programming
TEST_DATA 0 1 1 1 1 1 1 1 1 X = Don't care. 22 X 0 0 0 0 1 1 1 1 TEST_PATTERN[2:0] X 0 0 1 1 0 0 1 1 X 0 1 0 1 0 1 0 1 TEST PATTERN FORMAT Disabled, normal data output (default) Data skew (010101010101), repeats every frame Data sync (111111000000), repeats every frame Custom test pattern, repeats every two frames Ramping pattern from 0 to 4095 (repeats) Pseudo-random data pattern, short sequence (29) Pseudo-random data pattern, long sequence (223) Not used Not used
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
LVDS Output Driver Management Register (03h) Use the LVDS Output Driver Management register (03h, Table 14) to set the LVDS output drive current and to enable and set the value of the internal LVDS output termination. The LVDS output drive current is fully configurable through the LVDS_IADJ[3:0] bits (03h[3:0]). The default setting for LVDS_IADJ[3:0] is 0000, which corresponds to a 3.5mA output drive current (350mV at 100I). The output drive current can be reprogrammed from 0.5mA to 7.5mA in 0.5mA increments. Table 15 contains complete programming details. The LVDS output driver features optional internal termination that is programmable through the LVDS_TERM[2:0] bits (03h[6:4]). By default, LVDS_TERM[2:0] is set to 000, disabling the optional internal termination. Table 16 contains the configuration details. Input Common-Mode and CLKIN Control Register (04h) Use the Input Common-Mode and CLKIN Control register (04h, Table 17) to enable a self-biased, input common-mode voltage level, and to enable optional internal termination between the differential CLKIN_ inputs.
MAX19527
Table 8. Pseudo-Random Data Pattern
SEQUENCE Short (29) Long (223) INITIAL VALUE 0x0df 0x29b80a FIRST THREE SAMPLES 0xdf9, 0x353, 0x301 0x591, 0xfd7, 0x0a3
Table 9. LVDS Output Driver Level (02h)
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 LVDS_CM[1:0] TEST_FRAME_LEVEL[1:0] TEST_CLKOUT_LEVEL[1:0] TEST_DATA_LEVEL[1:0]
Table 10. Test Data (OUT_) Level Programming
TEST_DATA_LEVEL[1:0] X 0 1 X = Don't care. 0 1 1 DATA (OUT_) OUTPUT Normal data output Output low (static) Output high (static)
Table 11. Test CLKOUT Level Programming
TEST_CLKOUT_LEVEL[1:0] X 0 1 X = Don't care. 0 1 1 CLKOUT OUTPUT Normal CLKOUT output Output low (static) Output high (static)
Table 12. Test FRAME Level Programming
TEST_FRAME_LEVEL[1:0] X 0 1 X = Don't care. 0 1 1 FRAME OUTPUT Normal FRAME output Output low (static) Output high (static)
23
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
The CMI_SELF bit (04h[0]) is used to enable the optional, self-biased input common-mode voltage. By default, CMI_SELF is set to logic 0, disabling this feature. Setting CMI_SELF to logic 1 allows the specified common-mode voltage to be applied to the analog input pins through approximately 2kI resistance. The level of the input common-mode voltage is set by the CMI_ADJ[2:0] bits (04h[3:1]). The default setting for CMI_ADJ[2:0] is 100, which corresponds to a CMOUT voltage of 1100mV. The internally supplied and programmed input commonmode voltage is always available on the CMOUT pin. Table 18 contains configuration options, and Figure 2 details the input configuration.
MAX19527
By default, the CLKIN_TERM bit (04h[4]) is set to logic 0, disabling the internal, differential CLKIN input termination resistance. To enable the optional internal differential 100I termination resistance (from CLKIN+ to CLKIN-), set CLKIN_TERM to logic 1 (Figure 4). Channel Power Management: SHDN0 (05h) and SHDN1 (06h) Registers The SHDN input allows the ADC to support two individually programmed power states. The Channel Power Management (CPM): SHDN0 register (05h) is used to individually enable or disable each channel for power state 0 (SHDN = 0). The default state of
Table 13. LVDS Output Common-Mode Voltage Adjustment
LVDS_CM[1:0] 0 0 1 1 0 1 0 1 LVDS OUTPUT COMMON-MODE VOLTAGE (V) 1.2 (default) 1.0 0.8 0.6
Table 14. LVDS Output Driver Management (03h)
BIT 7 -- BIT 6 BIT 5 LVDS_TERM[2:0] BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 LVDS_IADJ[3:0]
Table 15. LVDS Output Drive Current Configuration
LVDS_IADJ[3:0] 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 DRIVE CURRENT (mA) 3.5 (default) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5
Table 16. LVDS Output Drive Internal Termination Configuration
LVDS_TERM[2:0] 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 LVDS INTERNAL TERMINATION (I) Disabled (default) 800 400 267 200 160 133 100
24
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
CPM: SHDN0 is 1111-1111, which causes power state 0 to enable all eight channels (by default). The CPM: SHDN1 register (06h) is used to enable or disable each channel for power state 1 (SHDN = 1). The default state of CPM: SHDN1 is 0000-0000, which causes power state 1 to disable all eight channels (by default). Both power states are independently configurable for any combination of enabled and disabled channels (Tables 19 and 20). Custom Test Pattern Registers (07h, 08h, 09h) The Custom Test Pattern (1, 2, and 3) registers are used to create a user-programmed test pattern sequence (TEST_ DATA = 1, TEST_PATTERN[2:0] = 010, see Tables 5 and 7). The data for the custom test pattern sequence is divided among the three Custom Test Pattern registers (Tables 21, 22, and 23). The custom test pattern comprises a series of two, 12-bit sequences (BITS_CUSTOM1[11:0] first, followed by BITS_CUSTOM2[11:0]) that repeat continuously.
MAX19527
Table 17. Input Common Mode and CLKIN Control (04h)
BIT 7 -- BIT 6 -- BIT 5 -- BIT 4 CLKIN_TERM BIT 3 BIT 2 CMI_ADJ[2:0] BIT 1 BIT 0 CMI_SELF
Table 18. Input Common-Mode Voltage Configuration
CMI_ADJ[2:0] 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 INPUT COMMON-MODE VOLTAGE (mV) 1020 1040 1060 1080 1100 (default) 1120 1140 1160
Table 19. Channel Power Management: SHDN0 (05h)
BIT 7 CH8_SHDN0 BIT 6 CH7_SHDN0 BIT 5 CH6_SHDN0 BIT 4 CH5_SHDN0 BIT 3 CH4_SHDN0 BIT 2 CH3_SHDN0 BIT 1 CH2_SHDN0 BIT 0 CH1_SHDN0
Table 20. Channel Power Management: SHDN1 (06h)
BIT 7 CH8_SHDN1 BIT 6 CH7_SHDN1 BIT 5 CH6_SHDN1 BIT 4 CH5_SHDN1 BIT 3 CH4_SHDN1 BIT 2 CH3_SHDN1 BIT 1 CH2_SHDN1 BIT 0 CH1_SHDN1
Table 21. Custom Test Pattern 1 (07h)
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 BITS_CUSTOM1[7:0]
Table 22. Custom Test Pattern 2 (08h)
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 BITS_CUSTOM2[7:0]
25
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Table 23. Custom Test Pattern 3 (09h)
BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 BITS_CUSTOM2[11:8] BITS_CUSTOM1[11:8]
Table 24. Special Function Register (10h) Status Byte (Read)
STATUS BIT NO. 7 6 5 4 3 2 1 0 READ VALUE 0 0 0 or 1 0 or 1 0 1 0 or 1 0 or 1 Reserved Reserved 1 = ROM read in progress 1 = ROM read completed, and register data is valid (checksum ok) Reserved Reserved Reserved 1 = Duty-cycle equalizer DLL is locked DESCRIPTION
voltage for an AC-coupled input. The transformer shown has an impedance ratio of 1:1. Alternatively, a different step-up transformer can be selected to reduce the drive requirements. A reduced signal swing from the input driver can also improve the overall distortion.
Clock Inputs
Differential, AC-Coupled Clock Inputs For optimum dynamic performance, the clock inputs to the device should be driven with an AC-coupled differential signal. However, frequently the available clock source is single-ended. Figure 12 demonstrates one method for converting a single-ended clock signal into a differential signal with a transformer. In this example, a Coilcraft transformer (TTWB-2-B), whose impedance ratio from primary to secondary is 1:2. The signal in this example is terminated into a series combination of two 50 resistors with their common node AC-coupled to ground. Figure 12 illustrates the secondary side of the transformer to be coupled directly to the clock inputs. Since the clock inputs are self-biasing, the center tap of the transformer must be AC-coupled to ground or left unconnected. If the center tap of the transformer's secondary side is DC-coupled to ground, it is necessary to add blocking capacitors in series with the clock inputs. Clock jitter performance can be enhanced if the clock signal has a high slew rate at the time of its zerocrossing. Therefore, if a sinusoidal source is used to drive the clock inputs, the clock amplitude should be as large as possible to maximize the zero-crossing slew rate. The back-to-back Schottky diodes shown in Figure 12 are not required as long as the input signal is held to a differential voltage potential of 3VP-P or less. If a larger amplitude signal is provided (to maximize the zero-crossing slew rate), then the diodes serve to limit the differential signal swing at the clock inputs. Any differential mode noise coupled to the clock inputs translates to clock jitter and degrades the SNR performance of the device. Any differential mode coupling of the analog input signal into the clock inputs results in harmonic distortion. Consequently, it is important that the clock lines be well isolated from the analog signal input and from the digital outputs.
Reserved Registers (0Ah to 0Fh) These registers are reserved and should not be used or programmed. It is possible to read from or write to these registers, but the commands have no effect on device operation. Special Function Register (10h) The Special Function register has two key functions: software device reset and device status. To initiate a software device reset, write the command 5Ah to the Special Function register. Do not write any other values to this register as they could permanently alter the device configuration. When read, the register returns a status byte with the information described in Table 24.
Applications Information
The ADC provides better SFDR and THD with fully differential input signals than a single-ended input drive. In differential input mode, even-order harmonics are lower as both inputs are balanced, and each of the ADC inputs only require half the signal swing compared to single-ended input mode. Single-ended operation for the device is not recommended. AC-Coupled Inputs An RF transformer provides an excellent solution for converting a single-ended signal to a fully differential signal (Figure 11). CMOUT provides the common-mode
26
Analog Inputs
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Singe-Ended, AC-Coupled Clock Inputs In single-ended operation, the clock signal is applied to the device's positive clock input (CLK+) through a buffer amplifier (Fairchild NC7WV04P6X). The negative input (CLK-) is connected to ground in this mode. In singleended clock configuration, an external 10k potentiometer
ANALOG INPUT
can be utilized to control the duty cycle of the clock input signal. Measure the clock input to the device after the buffer and adjust the potentiometer until the desired duty cycle is achieved. The circuit in Figure 13 allows for dutycycle adjustments between 20% and 80%.
MAX19527
0.1F
10I IN_+ 39pF 100I
100I
100I N.C. 0.1F 100I 10I MINI-CIRCUITS (1:1) ADT1-1WT+ 1F
MAX19527
CMOUT
IN_39pF
Figure 11. Transformer-Coupled Input Drive
CLOCK INPUT
0.1F
0.01F CLKIN+ 49.9I
CENTRAL SEMICONDUCTOR CMPD6263S+
N.C.
N.C. 49.9I
MAX19527
COILCRAFT (1:2) TTWB-2-B
CLKIN0.01F
Figure 12. Single-Ended-to-Differential Clock Input
AVDD
AVDD
100I
0.1F POTENTIOMETER: DUTY-CYCLE ADJUSTMENT CLOCK INPUT
MAX19527
CLKIN+
10kI
0.1F TINYLOGIC ULP-A INVERTER, FAIRCHILD NC7WV04P6X
100I
49.9I
100kI
CLKIN-
Figure 13. Single-Ended Clock Input with Duty-Cycle Adjustment 27
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
The ADC requires high-speed board layout design techniques to achieve optimal dynamic performance. Refer to the MAX19527 EV kit data sheet for a board layout reference. Locate all bypass capacitors as close as possible to the device, preferably on the same side as the ADC, using surface-mount components for minimum inductance. Bypass the AVDD and OVDD inputs with a separate 0.1FF ceramic capacitor to GND at both sides of the device (row A and row M). Bypass CMOUT with a 1FF ceramic capacitor to GND. To use the internal reference, bypass REFIO with a 0.1FF ceramic capacitor to GND. For optimal performance using either an internal or external reference, bypass REFH to REHL with a 0.1FF ceramic capacitor. Multilayer boards with ample ground and power planes produce the highest level of signal integrity. Isolate the ground plane from any noisy digital system ground planes. Route high-speed digital signal traces away from sensitive analog traces. Keep all signal lines short and free of 90N turns. Ensure that the differential analog input network layout is symmetric and that all parasitics are balanced equally. Ensure that the LVDS outputs are routed as matched length, 100I terminated, differential transmission lines. Refer to the MAX19527 EV kit data sheet for an example of symmetric input layout.
Grounding, Bypassing, and Board Layout
Gain error is a figure of merit that indicates how well the slope of the measured transfer function matches the slope of the ideal transfer function based on the specified full-scale input voltage range. The gain error is defined as the relative error of the measured transfer function and is expressed as a percentage. SSNF is the integrated noise and distortion power in the Nyquist band for small-signal inputs. The DC offset is excluded from this noise calculation. For this converter, a small signal is defined as a single tone with an amplitude less than -35dBFS. This parameter captures the thermal and quantization noise characteristics of the converter and can be used to help calculate the overall noise figure of a receive channel. Near-carrier SNR is defined as the ratio of the power in a near full-scale sinusoidal signal to the noise power measured at 1kHz offset from the signal. The noise power is normalized to 1Hz bandwidth. The near-carrier noise measured in a single ADC channel can be correlated to the near-carrier noise in other channels in a multichannel ADC. If that is the case, if output signals from multiple channels are summed, the addition process does not provide full processing gain of 10 x log(N), where N is the number of channels. Near-carrier SNR for an 8-channel coherent sum is defined for the case of applying an in-phase sinusoidal signal to all 8 ADC channels, and computing the near-carrier SNR for the digital sum of all eight outputs. For a waveform perfectly reconstructed from digital samples, the theoretical maximum SNR is the ratio of the full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analog-to-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNRdB[MAX] = 6.02dB x N + 1.76dB In reality, there are other noise sources besides quantization noise (e.g., thermal noise, reference noise, clock jitter, etc.). SNR is computed by taking the ratio of the RMS signal to the RMS noise. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first six harmonics (HD2-HD7), and the DC offset. SIGNAL RMS SNR = 20 x log NOISE RMS
Gain Error
Small-Signal Noise Floor (SSNF)
Near-Carrier Signal-to-Noise Ratio (NCSNR)
Parameter Definitions
INL is the deviation of the measured transfer function from a best-fit straight line. Worst-case deviation is defined as INL.
Integral Nonlinearity (INL)
Signal-to-Noise Ratio (SNR)
DNL is the difference between the measured transferfunction step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function. DNL deviations are measured at each step of the transfer function and the worst-case deviation is defined as DNL. Offset error is a parameter that indicates how well the actual transfer function matches the ideal transfer function at midscale. Ideally, the midscale transition occurs at 0.5 LSB above midscale. The offset error is the amount of deviation between the measured midscale transition point and the ideal midscale transition point.
Differential Nonlinearity (DNL)
Offset Error
28
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
SINAD is computed by taking the ratio of the RMS signal to the RMS noise plus the RMS distortion. RMS noise includes all spectral components to the Nyquist frequency excluding the fundamental, the first six harmonics (HD2-HD7), and the DC offset. RMS distortion includes the first six harmonics (HD2-HD7). SIGNAL RMS SNR = 20 x log 2 2 NOISE RMS + DISTORTIONRMS
Signal-to-Noise and Distortion (SINAD)
V1 and V2 are amplitudes of the two fundamental inputs, and VIMn is the amplitude of the nth intermodulation product. The fundamental input tone amplitudes (V1 and V2) are at -6.5dBFS. Fourteen intermodulation products (VIMn) are used in the ADC IMD calculation. The intermodulation products are the amplitudes of the output spectrum at the following frequencies, where fIN1 and fIN2 are the fundamental input tone frequencies: U Second-order intermodulation products: fIN1 + fIN2, fIN2 - fIN1 U Third-order intermodulation products: 2 x fIN1 - fIN2, 2 x fIN2 - fIN1, 2 x fIN1 + fIN2, 2 x fIN2 + fIN1 U Fourth-order intermodulation products: 3 x fIN1 - fIN2, 3 x fIN2 - fIN1, 3 x fIN1 + fIN2, 3 x fIN2 + fIN1 U Fifth-order intermodulation products: 3 x fIN1 - 2 x fIN2, 3 x fIN2 - 2 x fIN1, 3 x fIN1 + 2 x fIN2, 3 x fIN2 + 2 x fIN1 Overdrive recovery time is the time required for the ADC to recover from an input transient that exceeds the full-scale limits. The specified overdrive recovery time is measured with an input carrier that exceeds the fullscale limits by 6dBFS.
MAX19527
SFDR is the ratio expressed in decibels of the RMS amplitude of the fundamental (maximum signal component) to the RMS amplitude of the next largest spurious component, excluding DC offset. THD is the ratio of the RMS of the first six harmonics of the input signal to the fundamental itself. This is expressed as: V 2 + V3 2 + V4 2 + V5 2 + V6 2 + V7 2 THD = 20 x log 2 V1 V1 is the fundamental amplitude and V2-V7 are the amplitudes of the 2nd-order through 7th-order harmonics (HD2-HD7).
Single-Tone Spurious-Free Dynamic Range (SFDR)
Total Harmonic Distortion (THD)
Overdrive Recovery Time
IMD is the ratio of the RMS sum of the intermodulation products to the RMS sum of the two fundamental input tones. This is expressed as:
V 2 + VIM2 2 + + VIM13 2 + VIM14 2 IMD = 20 x log IM1 V12 + V2 2
Intermodulation Distortion (IMD)
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE 144 CTBGA PACKAGE CODE X14400-3 OUTLINE NO. 21-0492
29
Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs MAX19527
Revision History
REVISION NUMBER 0 REVISION DATE 6/10 Initial release DESCRIPTION PAGES CHANGED --
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
30
(c)
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 2010 Maxim Integrated Products Maxim is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of MAX19527EXE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X