Part Number Hot Search : 
B240023 15KE62CA TC74A BD243 MCP2120 SRR1806 BD243 B240023
Product Description
Full Text Search
 

To Download MASWSS0118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0118
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Features
* * * * * * Low Voltage Operation: 2.5 V Low Harmonics: < -65 dBc at +34 dBm & 1 GHz Low Insertion Loss: 0.65 dB at 1 GHz High Isolation: 23 dB at 2 GHz 4 mm 16-Lead PQFN Package 0.5 micron GaAs PHEMT Process Rev. V3
Functional Schematic
GND Pin 16 Pin 1 V1 RF1 RF4
39 pF
GND
ANT
39 pF
V4
Description
M/A-COM's MASWSS0118 is a GaAs PHEMT MMIC single pole four throw (SP4T) high power switch in a low cost 4 mm 16-lead PQFN package. The MASWSS0118 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size, and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as other handset and related applications. This part can be used in all systems operating up to 3.0 GHz requiring high power at low control voltage. The MASWSS0118 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
GND GND RF3
39 pF
39 pF
GND RF2
39 pF
GND
Pin Configuration
Pin No.
1 2 3 4 5 6
Pin Name
V1 RF1 GND RF2 GND V2 V3 GND RF3 GND GND RF4 GND V4 GND ANT Paddle
2
GND
Description
Control 1 RF Port 1 RF Ground RF Port 2 RF Ground Control 2 Control 3 RF Ground RF Port 3 RF Ground RF Ground RF Port 4 RF Ground Control 4 RF Ground Antenna Port RF Ground
V2
Ordering Information 1
Part Number
MASWSS0118TR MASWSS0118TR-3000 MASWSS0118SMB
7
Package
1000 piece reel 3000 piece reel Sample Test Board
8 9 10 11 12 13 14 15 16 17
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
V3
MASWSS0118
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50 3
Parameter
Insertion Loss 4
Rev. V3
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz VC = 0 V / 2.5 V Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz VC = 0 V / 2.5 V VC = 0 V / 2.5 V 1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V 1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V 10% RF to 90% RF, 90% to 10% RF, VC = 0 V / 2.5 V 50% control to 90% RF, 50% control to 10% RF, VC = 0 V / 2.5 V
Units
dB dB dB dB dB dB dB dBm dBm dBm dBc dBc S S mV
Min.
-- -- -- 27 21 -- -- -- -- -- -- -- -- -- -- --
Typ.
0.65 0.80 1.00 29.0 23.0 18.5 20 57 81 38 -80 -68 0.2 0.2 35 10
Max.
0.85 1.00 -- -- -- -- -- -- -- -- -71 -65 -- -- -- 50
Isolation Return Loss IP3 IP2 P.1dB 2
nd rd
Harmonic
3 Harmonic Trise, Tfall Ton, Toff Transients Control Current
VC = 0 V / 2.5 V, 34 dBm
A
3. External DC blocking capacitors are required on all RF ports. 4. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 39 pF for 0.5 - 3 GHz.
Absolute Maximum Ratings 5,6
Parameter
Input Power (0.5 - 3.0 GHz, 2.5 V Control) Voltage Operating Temperature Storage Temperature
Truth Table 7,8
V1
1
Absolute Maximum
+38 dBm
V2
0 1 0 0
V3
0 0 1 0
V4
0 0 0 1
ANTRF1
On Off Off Off
ANTRF2
Off On Off Off
ANTRF3
Off Off On Off
ANTRF4
Off Off Off On
8.5 volts -40C to +85C -65C to +150C
0 0 0
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits.
7. Differential voltage, V (state 1) -V (state 2), must be 2.5 V minimum. 8. 0 = -5 V to +2.5 V, 1 = -2.5 V to +5 V
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASWSS0118
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss vs. Temperature
+25C 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.5 1.0 1.5 2.0 2.5 3.0
15 0.5 1.0 1.5 2.0 2.5 3.0
Rev. V3
Isolation vs. Temperature
-40C
40 35 +25C +85C -40C
+85C
Insertion Loss (dB)
Isolation (dB)
30 25
20
F re que nc y ( G H z)
F re que nc y ( G H z)
1 GHz 2nd Harmonic Rejection
25C -50 -60 -70 -80 -90 -100 2.0 2.5 3.0 3.5 4.0 4.5 5.0 85C -40C
1 GHz 3rd Harmonic Rejection
25C -50 -60 85C -40C
Harm onic (dBc)
Harmonic (dBc)
-70 -80
-90 -100 2.0 2.5 3.0 3.5 4.0 4.5 5.0
C o ntro l Vo lta ge (V )
C o nt ro l V o lt a ge ( V )
4 mm 16-Lead PQFN
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X